Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W40S11 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W40S11
Description  Clock Buffer/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S11 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W40S11 Datasheet HTML 1Page - Cypress Semiconductor W40S11 Datasheet HTML 2Page - Cypress Semiconductor W40S11 Datasheet HTML 3Page - Cypress Semiconductor W40S11 Datasheet HTML 4Page - Cypress Semiconductor W40S11 Datasheet HTML 5Page - Cypress Semiconductor W40S11 Datasheet HTML 6Page - Cypress Semiconductor W40S11 Datasheet HTML 7Page - Cypress Semiconductor W40S11 Datasheet HTML 8Page - Cypress Semiconductor W40S11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
W40S11-23
3
Writing Data Bytes
Each bit in the data bytes control a particular device function.
Bits are written MSB (most significant bit) first, which is bit 7.
Table 2 gives the bit formats for registers located in Data
Bytes 0–6.
Note:
2.
At power-up all SDRAM outputs are enabled and active. Program Reserved bits to a “0.”
Table 2. Data Bytes 0–2 Serial Configuration Map[2]
Bit(s)
Affected Pin
Control Function
Bit Control
Pin No.
Pin Name
0
1
Data Byte 0 SDRAM Active/Inactive Register (1 = Enable, 0 = Disable)
7
11
SDRAM5
Clock Output Disable
Low
Active
6
10
SDRAM4
Clock Output Disable
Low
Active
5
N/A
Reserved
(Reserved)
-
-
4
N/A
Reserved
(Reserved)
-
-
3
7
SDRAM3
Clock Output Disable
Low
Active
2
6
SDRAM2
Clock Output Disable
Low
Active
1
3
SDRAM1
Clock Output Disable
Low
Active
0
2
SDRAM0
Clock Output Disable
Low
Active
Data Byte 1 SDRAM Active/Inactive Register (1 = Enable, 0 = Disable)
7
27
SDRAM11
Clock Output Disable
Low
Active
6
26
SDRAM10
Clock Output Disable
Low
Active
5
23
SDRAM9
Clock Output Disable
Low
Active
4
22
SDRAM8
Clock Output Disable
Low
Active
3
N/A
Reserved
(Reserved)
-
-
2
N/A
Reserved
(Reserved)
-
-
1
19
SDRAM7
Clock Output Disable
Low
Active
0
18
SDRAM6
Clock Output Disable
Low
Active
Data Byte 2 SDRAM Active/Inactive Register (1 = Enable, 0 = Disable)
7
N/A
Reserved
(Reserved)
-
-
6
12
SDRAM12
Clock Output Disable
Low
Active
5
N/A
Reserved
(Reserved)
--
--
4
N/A
Reserved
(Reserved)
--
--
3
N/A
Reserved
(Reserved)
--
--
2
N/A
Reserved
(Reserved)
--
--
1
N/A
Reserved
(Reserved)
--
--
0
N/A
Reserved
(Reserved)
--
--


Similar Part No. - W40S11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11 CYPRESS-W40S11 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11 CYPRESS-W40S11 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02H SPECTRALINEAR-W40S11-02H Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
More results

Similar Description - W40S11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
   Buffer/Clock Driver
logo
Cypress Semiconductor
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
logo
Renesas Technology Corp
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
   BUFFER/CLOCK DRIVER
051310
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
   BUFFER/CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
   Buffer/Clock Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com