Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43584A2159M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43584A2159M000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43584A2159M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43584A2159M000 Datasheet HTML 6Page - EPCOS B43584A2159M000 Datasheet HTML 7Page - EPCOS B43584A2159M000 Datasheet HTML 8Page - EPCOS B43584A2159M000 Datasheet HTML 9Page - EPCOS B43584A2159M000 Datasheet HTML 10Page - EPCOS B43584A2159M000 Datasheet HTML 11Page - EPCOS B43584A2159M000 Datasheet HTML 12Page - EPCOS B43584A2159M000 Datasheet HTML 13Page - EPCOS B43584A2159M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
IAC,R(B)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
7 = for heat sink mounting - only capacitors with
diameter d
≥ 64.3 mm and without threaded
stud
VR = 450 V DC
1000
51.6
× 80.7
93
140
112
14
5.1
9.8
B435*4B5108M000
1500
51.6
× 105.7
66
99
79
18
6.7
11.6
B435*4C5158M000
1500
64.3
× 80.7
66
99
79
18
6.6
12.3
B435*4D5158M00#
2200
64.3
× 105.7
43
65
52
24
9.0
15.3
B435*4B5228M00#
3300
64.3
× 143.2
32
48
38
31
11.7
17.8
B435*4B5338M00#
3300
76.9
× 105.7
32
48
38
31
11.6
21.9
B435*4C5338M00#
3300
91.0
× 97.0
32
48
38
33
12.2
23.2
B435*4D5338M00#
4700
76.9
× 143.2
21
32
25
42
15.7
26.3
B435*4B5478M00#
5600
76.9
× 168.7
19
29
23
47
17.4
26.3
B435*4A5568M00#
6800
76.9
× 220.7
16
24
19
54
20.1
27.0
B435*4A5688M00#
8200
76.9
× 220.7
13
20
16
57
23.8
33.0
B435*4A5828M00#
10000
91.0
× 221.0
11
17
13
71
26.5
38.3
B435*4A5109M00#
VR = 500 V DC
820
51.6
× 80.7
120
180
144
12
4.6
9.1
B435*4B6827M000
1200
51.6
× 105.7
88
132
106
16
6.0
10.5
B435*4B6128M000
1800
64.3
× 105.7
59
89
71
21
7.9
13.9
B435*4B6188M00#
2700
76.9
× 105.7
36
54
43
30
11.2
21.6
B435*4A6278M00#
3900
76.9
× 143.2
28
42
34
37
14.2
24.5
B435*4A6398M00#
4700
91.0
× 144.5
23
35
28
43
16.3
27.4
B435*4B6478M00#
B43564, B43584
High ripple current
85
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43584A2159M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43584A2159M000 EPCOS-B43584A2159M000 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43584A2159M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com