Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W144H Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W144H
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144H Datasheet(HTML) 4 Page - Cypress Semiconductor

  W144H Datasheet HTML 1Page - Cypress Semiconductor W144H Datasheet HTML 2Page - Cypress Semiconductor W144H Datasheet HTML 3Page - Cypress Semiconductor W144H Datasheet HTML 4Page - Cypress Semiconductor W144H Datasheet HTML 5Page - Cypress Semiconductor W144H Datasheet HTML 6Page - Cypress Semiconductor W144H Datasheet HTML 7Page - Cypress Semiconductor W144H Datasheet HTML 8Page - Cypress Semiconductor W144H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 4 of 14
Spread Spectrum Feature
The device generates a clock that is frequency modulated in
order to increase the bandwidth that it occupies. By increasing
the bandwidth of the fundamental and its harmonics, the ampli-
tudes of the radiated electromagnetic emissions are reduced.
This effect is depicted in Figure 3.
As shown in Figure 3, a harmonic of a modulated clock has a
much lower amplitude than that of an unmodulated signal. The
reduction in amplitude is dependent on the harmonic number
and the frequency deviation or spread. The equation for the
reduction is
dB = 6.5 + 9*log10(P) + 9*log10(F)
Where P is the percentage of deviation and F is the frequency
in MHz where the reduction is measured.
The output clock is modulated with a waveform depicted in
Figure 4. This waveform, as discussed in “Spread Spectrum
Clock Generation for the Reduction of Radiated Emissions” by
Bush, Fessler, and Hardin produces the maximum reduction
in the amplitude of radiated electromagnetic emissions. The
deviation selected for this chip is specified in Table 7. Figure 4
details the Cypress spreading pattern. Cypress does offer
options with more spread and greater EMI reduction. Contact
your local Sales representative for details on these devices.
Spread Spectrum clocking is activated or deactivated by
selecting the appropriate values for bits 1–0 in data byte 0 of
the I2C data stream. Refer to Table 7 for more details.
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W144
VDD
Clock Load
R
10 k
Output
Buffer
Output
Low
Output Strapping Resistor
Series Termination Resistor
Jumper Options
Resistor Value R
Figure 2. Input Logic Selection Through Jumper Option
Figure 3. Clock Harmonic with and without SSCG
Modulation Frequency Domain Representation
SSFTG
Typical Clock
Frequency Span (MHz)
-
-SS%
+SS%
5dB/div
MAX (+0.5%)
MIN (–0.5%)
Figure 4. Typical Modulation Profile


Similar Part No. - W144H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144H CYPRESS-W144H Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144H SPECTRALINEAR-W144H Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144HT SPECTRALINEAR-W144HT Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W144H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149 Datasheet
157Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com