Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W144H Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # W144H
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144H Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button W144H Datasheet HTML 6Page - Cypress Semiconductor W144H Datasheet HTML 7Page - Cypress Semiconductor W144H Datasheet HTML 8Page - Cypress Semiconductor W144H Datasheet HTML 9Page - Cypress Semiconductor W144H Datasheet HTML 10Page - Cypress Semiconductor W144H Datasheet HTML 11Page - Cypress Semiconductor W144H Datasheet HTML 12Page - Cypress Semiconductor W144H Datasheet HTML 13Page - Cypress Semiconductor W144H Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 11 of 14
SDRAM Clock Outputs, SDRAM, SDRAM0:11 (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6 MHz
CPU = 100.2 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.5V
30
30
ns
tH
High Time
Duration of clock cycle above 2.4V,
at min. edge rate (1.5V/ns)
5.6
3.3
ns
tL
Low Time
Duration of clock cycle below 0.4V,
at min. edge rate (1.5V/ns
5.3
3.1
ns
tR
Output Rise Edge
Rate
Measured from 0.4V to 2.4V
1.5
4
1.5
4
V/ns
tF
Output Fall Edge Rate Measured from 2.4V to 0.4V
1.5
4
1.5
4
V/ns
tPLH
Prop Delay LH
Input edge rate faster than 1V/ns
1
5
1
5
ns
tPHL
Prop Delay HL
Input edge rate faster than 1 V/ns
1
5
1
5
ns
tD
Duty Cycle
Measured on rising and falling edge
at 1.5V,at min. edge rate (1.5 V/ns)
45
55
45–55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V.
Maximum difference of cycle time
between two adjacent cycles.
––
250
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
250
250
ps
tO
CPU to PCI Clock
Skew
Covers all CPU/PCI outputs.
Measured on rising edge at 1.5V.
CPU leads PCI output.
1.5
4
1.5
4
ns
fST
Frequency
Stabilization from
Power-up (cold start)
Assumes full supply voltage
reached within 1 ms from power-up.
Short cycles exist prior to frequency
stabilization.
––
3
3
ms
Zo
AC Output
Impedance
Average value during switching
transition. Used for determining
series termination value.
–30
30
PCI Clock Outputs, PCI_F and PCI1:5 (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.5V
29.9
ns
tH
High Time
Duration of clock cycle above 2.4V
12.0
ns
tL
Low Time
Duration of clock cycle below 0.4V
12.0
ns
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum
difference of cycle time between two
adjacent cycles.
––
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
500
ps
tO
CPU to PCI Clock Skew
Covers all CPU/PCI outputs. Measured on
rising edge at 1.5V. CPU leads PCI output.
1.5
4.0
ns
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior
to frequency stabilization.
––
3.0
ms
Zo
AC Output Impedance
Average value during switching transition.
Used for determining series termination
value.
–30–


Similar Part No. - W144H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144H CYPRESS-W144H Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144H SPECTRALINEAR-W144H Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144HT SPECTRALINEAR-W144HT Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W144H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149 Datasheet
157Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com