Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W134SH Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W134SH
Description  Direct Rambus??Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W134SH Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W134SH Datasheet HTML 4Page - Cypress Semiconductor W134SH Datasheet HTML 5Page - Cypress Semiconductor W134SH Datasheet HTML 6Page - Cypress Semiconductor W134SH Datasheet HTML 7Page - Cypress Semiconductor W134SH Datasheet HTML 8Page - Cypress Semiconductor W134SH Datasheet HTML 9Page - Cypress Semiconductor W134SH Datasheet HTML 10Page - Cypress Semiconductor W134SH Datasheet HTML 11Page - Cypress Semiconductor W134SH Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
W134M/W134S
Document #: 38-07426 Rev. *C
Page 8 of 12
Notes:
1. Represents stress ratings only, and functional operation at the maximums is not guaranteed.
2. Gives the nominal values of the external components and their maximum acceptable tolerance, assuming ZCH = 28Ω.
3. Do not populate CF. Leave pads for future use.
4. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
5. Refclk jitter measured at VDDIR (nom)/2.
6. If input modulation is used: input modulation is allowed but not required.
7. Capacitance measured at Freq=1 MHz, DC bias = 0.9V and VAC < 100 mV.
8. The amount of allowed spreading for any non-triangular modulation is determined by the induced downstream tracking skew, which cannot exceed the skew
generated by the specified 0.6% triangular modulation. Typically, the amount of allowed non-triangular modulation is about 0.5%.
Absolute Maximum Conditions[1]
Parameter
Description
Min.
Max.
Unit
VDD, ABS
Max. voltage on VDD with respect to ground
–0.5
4.0
V
VI, ABS
Max. voltage on any pin with respect ground
–0.5
VDD + 0.5
V
External Component Values[2]
Parameter
Description
Min.
Max.
Unit
RS
Serial Resistor
39
±5%
RP
Parallel Resistor
51
±5%
CF
Edge Rate Filter Capacitor
4–15[3]
±10%
pF
CMID
AC Ground Capacitor
470 pF
0.1
µF±20%
Operating Conditions[4]
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.135
3.465
V
TA
Ambient Operating Temperature
0
70
°C
tCYCLE,IN
Refclk Input Cycle Time
10
40
ns
tJ,IN
Input Cycle-to-Cycle Jitter[5]
–250
ps
DCIN
Input Duty Cycle over 10,000 Cycles
40
60
%tCYCLE
FMIN
Input Frequency of Modulation
30
33
kHz
PMIN[6]
Modulation Index for Triangular Modulation
0.6
%
Modulation Index for Non-Triangular Modulation
0.5[8]
%
tCYCLE,PD
Phase Detector Input Cycle Time at PclkM & SynclkN
30
100
ns
tERR,INIT
Initial Phase error at Phase Detector Inputs
–0.5
0.5
tCYCLE,PD
DCIN,PD
Phase Detector Input Duty Cycle over 10,000 Cycles
25
75
tCYCLE,PD
tI,SR
Input Slew Rate (measured at 20%-80% of input voltage) for PclkM,
SynclkN, and Refclk
14
V/ns
CIN,PD
Input Capacitance at PclkM, SynclkN, and Refclk[7]
–7
pF
DCIN,PD
Input Capacitance matching at PclkM and SynclkN[7]
–0.5
pF
CIN,CMOS
Input Capacitance at CMOS pins (excluding PclkM, SynclkN, and
Refclk)[7]
–10
pF
VIL
Input (CMOS) Signal Low Voltage
0.3
VDD
VIH
Input (CMOS) Signal High Voltage
0.7
VDD
VIL,R
Refclk input Low Voltage
0.3
VDDIR
VIH,R
Refclk input High Voltage
0.7
VDDIR
VIL,PD
Input Signal Low Voltage for PD Inputs and StopB
0.3
VDDIPD
VIH,PD
Input Signal High Voltage for PD Inputs and StopB
0.7
VDDIPD
VDDIR
Input Supply Reference for Refclk
1.235
3.465
V
VDDIPD
Input Supply Reference for PD Inputs
1.235
2.625
V


Similar Part No. - W134SH

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134SH CYPRESS-W134SH Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Silicon Laboratories
W134SH SILABS-W134SH Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134SHT CYPRESS-W134SHT Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Silicon Laboratories
W134SHT SILABS-W134SHT Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results

Similar Description - W134SH

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com