Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W245-30 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W245-30
Description  Frequency Multiplying, Peak Reducing EMI Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W245-30 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W245-30 Datasheet HTML 1Page - Cypress Semiconductor W245-30 Datasheet HTML 2Page - Cypress Semiconductor W245-30 Datasheet HTML 3Page - Cypress Semiconductor W245-30 Datasheet HTML 4Page - Cypress Semiconductor W245-30 Datasheet HTML 5Page - Cypress Semiconductor W245-30 Datasheet HTML 6Page - Cypress Semiconductor W245-30 Datasheet HTML 7Page - Cypress Semiconductor W245-30 Datasheet HTML 8Page - Cypress Semiconductor W245-30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
W245-30
Document #: 38-07229 Rev. *B
Page 3 of 12
Table 1. Frequency Configuration (Frequencies in MHz)
Table 2. Modulation Width Selection Table
Overview
The W245-30 product is one of a series of devices in the Cy-
press PREMIS family. The PREMIS family incorporates the
latest advances in PLL spread spectrum frequency synthesiz-
er techniques. By frequency modulating the output with a low
frequency carrier, peak EMI is greatly reduced. Use of this
technology allows systems to pass increasingly difficult EMI
testing without resorting to costly shielding or redesign.
In a system, not only is EMI reduced in the various clock lines,
but also in all signals which are synchronized to the clock.
Therefore, the benefits of using this technology increase with
the number of address and data lines in the system. The Sim-
plified Block Diagram shows a simple implementation.
Functional Description
The W245-30 uses a phase locked loop (PLL) to frequency
modulate an input clock. The result is an output clock whose
frequency is slowly swept over a narrow band near the input
signal. The basic circuit topology is shown in Figure 1. The
input reference signal is divided by Q and fed to the phase
detector. A signal from the VCO is divided by P and fed back
to the phase detector also. The PLL will force the frequency of
the VCO output signal to change until the divided output signal
and the divided reference signal match at the phase detector
input. The output frequency is then equal to the ratio of P/Q
times the reference frequency. (Note: For the W245-30 the
output frequency is nominally equal to the input frequency.)
The unique feature of the Spread Spectrum Frequency Timing
Generator is that a modulating waveform is superimposed at
the input to the VCO. This causes the VCO output to be slowly
swept across a predetermined frequency band.
Because the modulating frequency is typically 1000 times
slower than the fundamental clock, the spread spectrum pro-
cess has little impact on system performance.
Frequency Selection With SSFTG
In Spread Spectrum Frequency Timing Generation, EMI re-
duction depends on the shape, modulation percentage, and
frequency of the modulating waveform. While the shape and
frequency of the modulating waveform are fixed for a given
frequency, the modulation percentage may be varied.
Using frequency select bits (FS2:1 pins), the frequency range
can be set (see Table 2). Spreading percentage is set with pins
MW0:2 as shown in Table 2.
A larger spreading percentage improves EMI reduction. How-
ever, large spread percentages may either exceed system
maximum frequency ratings or lower the average frequency to
a point where performance is affected. For these reasons,
spreading percentage options are provided.
Range of Fin
Frequency
Multiplier
Settings
Output /
Input
Range of Fout
Required R
Settings
Modulation & Pow-
er Down Settings
Min.
Max.
OR2
OR1
Min.
Max.
IR2
IR1
MW2
MW1
14
30
0
1
1
14
30
0
1
Table 2
14
30
1
0
2
28
60
0
1
Table 2
14
30
1
1
4
56
120
0
1
Table 2
25
60
0
1
0.5
13
30
1
0
Table 2
25
60
1
0
1
25
60
1
0
Table 2
25
60
1
1
2
50
120
1
0
Table 2
50
120
0
1
0.25
13
30
1
1
Table 2
50
120
1
0
0.5
25
60
1
1
Table 2
50
120
1
1
1
50
120
1
1
Table 2
Reserved
0
0
N/A
N/A
N/A
As Set
As Set
1
0
Power Down Hi-Z
0
0
N/A
N/A
N/A
As Set
As Set
1
1
Power Down 0
0
0
N/A
N/A
N/A
As Set
As Set
0
0
Power Down 1
0
0
N/A
N/A
N/A
As Set
As Set
0
1
EMI Reduction
Modulation Setting
Bandwith Limit Frequencies as a% Value of Fout
MW0 = 0
MW0 = 1
MW2
MW1
Low
High
Low
High
Minimum EMI Control
0
0
98.75%
100%
99.375%
100.625
Suggested Setting
0
1
97.5%
100%
98.75
101.25%
Alternate Setting
1
0
95.0%
100%
97.5%
102.5%
Maximum EMI reduction
1
1
90.0%
100%
95%
105%


Similar Part No. - W245-30

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512 WINBOND-W24512 Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A-15 WINBOND-W24512A-15 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A-25 WINBOND-W24512A-25 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A-35 WINBOND-W24512A-35 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W245-30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25245 CYPRESS-CY25245 Datasheet
233Kb / 11P
   Frequency-multiplying, Peak-reducing EMI Solution
W530-02 CYPRESS-W530-02 Datasheet
92Kb / 8P
   Frequency-multiplying, Peak-reducing EMI Solution
W532 CYPRESS-W532 Datasheet
129Kb / 8P
   Frequency Multiplying, Peak Reducing EMI Solution
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com