Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W255 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W255
Description  200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W255 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W255 Datasheet HTML 2Page - Cypress Semiconductor W255 Datasheet HTML 3Page - Cypress Semiconductor W255 Datasheet HTML 4Page - Cypress Semiconductor W255 Datasheet HTML 5Page - Cypress Semiconductor W255 Datasheet HTML 6Page - Cypress Semiconductor W255 Datasheet HTML 7Page - Cypress Semiconductor W255 Datasheet HTML 8Page - Cypress Semiconductor W255 Datasheet HTML 9Page - Cypress Semiconductor W255 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
W255
Document #: 38-07255 Rev. *D
Page 7 of 10
Layout Example for DDR 2.5V Only
FB
+2.5V Supply
C4
10 mF
0.005 mF
G
G
VDDQ2
C3
48
47
46
45
44
43
42
41
40
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
G
V
G = VIA to GND plane layer
V = VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Ceramic Caps C3 = 10–22 µF
C4 = 0.005 µF
FB = Dale ILB1206 - 300 (300
Ω @ 100 MHz) or TDK ACB 2012L-120
All bypass caps = 0.1
µF ceramic
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G


Similar Part No. - W255

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W255H CYPRESS-W255H Datasheet
129Kb / 10P
   200-MPz 24-Output Buffer for 4DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255H SPECTRALINEAR-W255H Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255H SILABS-W255H Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
More results

Similar Description - W255

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W255H CYPRESS-W255H Datasheet
129Kb / 10P
   200-MPz 24-Output Buffer for 4DDR or 3 SDRAM DIMMS
logo
PhaseLink Corporation
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
   DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
   DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
SpectraLinear Inc
CY28354-400 SPECTRALINEAR-CY28354-400 Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com