Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW312OXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYW312OXCT
Description  FTG for VIA??K7 Series Chipset with Programmable Output Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW312OXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYW312OXCT Datasheet HTML 4Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 5Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 6Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 7Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 8Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 9Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 10Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 11Page - Cypress Semiconductor CYW312OXCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
W312-02
Document #: 38-07259 Rev. *C
Page 8 of 20
Byte 6: Reserved Register
Bit
Name
Default
Pin Description
Bit 7
Reserved
1
Reserved
Bit 6
Reserved
1
Reserved
Bit 5
Reserved
1
Reserved
Bit 4
Reserved
1
Reserved
Bit 3
Reserved
1
Reserved
Bit 2
Reserved
1
Reserved
Bit 1
Reserved
1
Reserved
Bit 0
Reserved
1
Reserved
Byte 7: Reserved Register
Bit
Name
Default
Pin Description
Bit 7
Reserved
1
Reserved
Bit 6
Reserved
1
Reserved
Bit 5
Reserved
1
Reserved
Bit 4
Reserved
1
Reserved
Bit 3
Reserved
1
Reserved
Bit 2
Reserved
1
Reserved
Bit 1
Reserved
1
Reserved
Bit 0
Reserved
1
Reserved
Byte 8: Vendor ID and Revision ID Register (Read Only)
Bit
Name
Default
Pin Description
Bit 7
Revision_ID3
0
Revision ID bit[3]
Bit 6
Revision_ID2
0
Revision ID bit[2]
Bit 5
Revision_ID1
0
Revision ID bit[1]
Bit 4
Revision_ID0
0
Revision ID bit[0]
Bit 3
Vendor_ID3
1
Bit[3] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 2
Vendor_ID2
0
Bit[2] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 1
Vendor _ID1
0
Bit[1] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 0
Vendor _ID0
0
Bit[0] of Cypress Semiconductor’s Vendor ID. This bit is read only.


Similar Part No. - CYW312OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CYW312OXCT SPECTRALINEAR-CYW312OXCT Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results

Similar Description - CYW312OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02 CYPRESS-W312-02 Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com