Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7304G-65507Y-T2 Datasheet(PDF) 2 Page - Power-One

Part # ZM7304G-65507Y-T2
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7304G-65507Y-T2 Datasheet(HTML) 2 Page - Power-One

  ZM7304G-65507Y-T2 Datasheet HTML 1Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 2Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 3Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 4Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 5Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 6Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 7Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 8Page - Power-One ZM7304G-65507Y-T2 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 2 of 32
1
Selection Chart
DPM Type
Number of Z-One
TM POLs
and Auxiliary devices that
can be controlled
Active
Addresses
Number of
Groups
Number of
Interrupts
Number of
Parallel
Buses
Number of
Auxiliary
Devices
ZM7304G
4
00…03
2
2
2
4
ZM7308G
8
00…07
2
2
4
4
ZM7316G
16
00…15
3
3
4
4
ZM7332G
32
00…31
4
4
8
4
2
Ordering Information
ZM
73
xx
G
yyyyy
Y
zz
Product
family:
Z-One
Power
Management
Devices
Series:
Digital
Power
Manager
Number of Z-
One
TM POLs
and Auxiliary
devices:
04 – 4 devices
08 – 8 devices
16 – 16 devices
32 – 32 devices
RoHS compliance:
G - RoHS
compliant for all six
substances
5-digit
identifier
assigned by
Power-One
for each
unique
configuration
file
Optional:
Letter
identifying
configuration
file revision
level
1)
Packaging Option
2):
B1 – 50pcs Tube
B2 – 10pcs Tube
T1 – 500pcs T&R
T2 – 100pcs T&R
Q1 – 1pc sample for
evaluation only
______________________________________
1
Revision level identifier is optional and included for convenience of users. It is users’ responsibility to order appropriate revision level. If no
revision level identifier is added to the part number, the DPM will be programmed with the latest revision of the configuration file stored in the
Power-One’s database.
2
Packaging option is used only for ordering and not included in the part number printed on the DPM label.
3
The evaluation board is available in only one configuration: ZM7300-KIT-HKS
Example: ZM7316G-12345A-T1: A 500-piece reel of 16-node DPMs with preloaded configuration file code
12345, revision A. Each DPM is labeled ZM7316G-12345A. Refer to Figure 1 for label marking information.
Figure 1. Label Drawing
3
Standard 5-Digit Identifiers
DPM Type
DPM preloaded with default
configuration file (“blank”)
DPM configured for JTAG
programming
Packaging Options
ZM7304G
65501
65505
B1, B2, T1, T2, Q1
ZM7308G
65502
65506
B1, B2, T1, T2, Q1
ZM7316G
65503
65507
B1, B2, T1, T2, Q1
ZM7332G
65504
65508
B1, B2, T1, T2, Q1


Similar Part No. - ZM7304G-65507Y-T2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7304G-65507-B1 POWER-ONE-ZM7304G-65507-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65507-B2 POWER-ONE-ZM7304G-65507-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65507-Q1 POWER-ONE-ZM7304G-65507-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65507-T1 POWER-ONE-ZM7304G-65507-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65507-T2 POWER-ONE-ZM7304G-65507-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7304G-65507Y-T2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com