Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7304G-65508Y-T2 Datasheet(PDF) 8 Page - Power-One

Part # ZM7304G-65508Y-T2
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7304G-65508Y-T2 Datasheet(HTML) 8 Page - Power-One

Back Button ZM7304G-65508Y-T2 Datasheet HTML 4Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 5Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 6Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 7Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 8Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 9Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 10Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 11Page - Power-One ZM7304G-65508Y-T2 Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 8 of 32
10
Description
The ZM7300 series DPMs perform translation between the I
2C interface connected to a host system or the
Graphical User Interface and the SD communication bus connected to Z-series POL converters. In addition,
DPMs carry out programming, monitoring, data storage, POL group management, hot-swap control, protection,
and control and monitoring of auxiliary devices.
The DPMs can be controlled via the GUI or directly via the I
2C bus by using specific commands described in the
“DPM Programming Manual”.
10.1
DPM Memory
The DPM memory consists of RAM and non-volatile memory (Flash). The RAM is used for programming
operations and manipulation of the various blocks of configuration, setup, status, and monitoring registers. The
non-volatile memory is used to store programming and configuration data. The DPM memory includes DPM
registers, POL setup registers, monitoring data, and user memory as shown in Figure 4. Setup registers for the
DPM and the POL converters are protected by CRCs that are checked during programming of POL converters
and at the power-up of the DPM.
The LCK_N pin and the write protection register WP limit the write access to the memory blocks in the DPM and
POL converters. The WP register content is defaulted to write protect upon powering up the DPM.
Figure 4. DPM Memory and Write Protection
10.1.1 Write Protection
There are hardware-based and software-based memory write protections.
The hardware protection takes
precedence over the software protection.


Similar Part No. - ZM7304G-65508Y-T2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7304G-65508-B1 POWER-ONE-ZM7304G-65508-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-B2 POWER-ONE-ZM7304G-65508-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-Q1 POWER-ONE-ZM7304G-65508-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-T1 POWER-ONE-ZM7304G-65508-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65508-T2 POWER-ONE-ZM7304G-65508-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7304G-65508Y-T2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com