Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z9953AA Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # Z9953AA
Description  3.3V, 180MHz, Multi-Output Zero Delay Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9953AA Datasheet(HTML) 4 Page - Cypress Semiconductor

  Z9953AA Datasheet HTML 1Page - Cypress Semiconductor Z9953AA Datasheet HTML 2Page - Cypress Semiconductor Z9953AA Datasheet HTML 3Page - Cypress Semiconductor Z9953AA Datasheet HTML 4Page - Cypress Semiconductor Z9953AA Datasheet HTML 5Page - Cypress Semiconductor Z9953AA Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07086 Rev. *B
12/26/2002
Page 4 of 6
Z9953
AC Parameters
1
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Tr / Tf
TCLK Input Rise / Fall
3.0
ns
Fref
Reference Input Frequency
2
25
110
MHz
FrefDC
Reference Input Duty Cycle
25
75
%
Fvco
PLL VCO Lock Range
200
500
MHz
Tlock
Maximum PLL lock Time
10
ms
Tr / Tf
Output Clocks Rise / Fall Time
4,5
0.10
1.0
ns
0.8V to 2.0V
50
110
VCO_SEL = ‘0’
25
62.5
VCO_SEL = ‘1’
Fout
Maximum Output Frequency
200
MHz
Bypass Mode
FoutDC
Output Duty Cycle
4,5
45
50
55
%
TCCJ
Cycle to Cycle Jitter (peak to
peak)
4,5
100
ps
TSKEW
Any Output to Any Output Skew
4,5
-
-
250
ps
Tpd
Input to FB_IN Delay (PLL
locked)
3,4,5
-75
-
125
ps
tpZL,
tpZH
Output enable time (all outputs)
6
ns
tpLZ,
tpHZ
Output disable time (all outputs)
7
ns
Tpd
Input to Q Delay (PLL bypassed)
3
7
ns
VDD = VDDC = 3.3V +/- 5%, TA = -40
°°°°C to +85°°°°C
Note 1: Parameters are guaranteed by design and characterization. Not 100% tested in production.
Note 2: Maximum and minimum input reference is limited by the VCO lock range.
Note 3: The Tpd (PLL locked) is input reference frequency dependent.
Note 4: Driving series or parallel terminator 50
Ω (or 50Ω to VDD/2) transmission lines.
Note 5: Outputs loaded with 30pF each
Description
The Z9953 is a PLL based clock generator that provides low skew and low jitter clock outputs for high performance
systems. The Z9953 features a differential PLL to minimize cycle-to-cycle and phase jitter. The PLL is
ensured stable operation given that the VCO is configured to run between 200MHz and 500MHz.
The input reference is a differential LVPECL clock. All other control inputs are LVCMOS/LVTTL compatible
The Z9953 features 9 LVCMOS/LVTTL compatible outputs each capable of driving two series terminated 50
transmission lines. With this capability the Z9953 has an effective fan-out of 1:18. The outputs can also be tri-stated when
MR/OE# is set high.
When used as a zero-delay buffer any of the 9 outputs can be used as the feedback input to the PLL. The PLL works to
align the output edge with the input reference edge thus producing a near zero delay.


Similar Part No. - Z9953AA

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
Z9953-00 HARWIN-Z9953-00 Datasheet
61Kb / 1P
   BALL GEX DRIVER 2.00mm x 60mm
More results

Similar Description - Z9953AA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
   3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9951 CYPRESS-Z9951 Datasheet
57Kb / 9P
   3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9975 CYPRESS-Z9975 Datasheet
73Kb / 8P
   3.3V, 150MHz, Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com