Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW320ZXC-4T Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYW320ZXC-4T
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW320ZXC-4T Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYW320ZXC-4T Datasheet HTML 1Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 2Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 3Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 4Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 5Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 6Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 7Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 8Page - Cypress Semiconductor CYW320ZXC-4T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
W320-04
200-MHz Spread Spectrum Clock Synthesizer/Driver
with Differential CPU Outputs
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07010 Rev. *C
Revised June 30, 2005
Features
• Compliant with Intel® CK-Titan clock synthesizer/driver
specifications
• Multiple output clocks at different frequencies
— Three pairs of differential CPU outputs, up to
200 MHz
— Ten synchronous PCI clocks, three free-running
— Six 3V66 clocks
— Two 48-MHz clocks
— One reference clock at 14.318 MHz
— One VCH clock
• Spread Spectrum clocking (down spread)
• Power-down features (PCI_STOP#, CPU_STOP#
PWR_DWN#)
• Three Select inputs (Mode select and IC Frequency
Select)
• OE and Test Mode support
• 56-pin SSOP package and 56-pin TSSOP package
Benefits
• Supports next-generation Pentium® processors using
differential clock drivers
• Motherboard clock generator
— Supports multiple CPUs and a chipset
— Support for PCI slots and chipset
— Supports AGP, DRCG reference, and Hub Link
— Supports USB host controller and graphic controller
— Supports ISA slots and I/O chip
• Enables reduction of electromagnetic interference
(EMI) and overall system cost
• Enables ACPI-compliant designs
• Supports up to four CPU clock frequencies
• Enables ATE and “bed of nails” testing
• Widely available standard package enables lower cost
Logic Block Diagram
SSOP and TSSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
VDD_REF
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
XTAL_IN
XTAL_OUT
GND_REF
25
26
27
28
49
52
51
50
53
56
55
54
PCI0
PCI5
66BUFF2/3V66_4
GND_3V66
PCI_STOP#
S2
GND_CPU
CPU_STOP#
PCI_F2
GND_PCI
GND_3V66
VDD_CORE
VDD_ 48 MHz
MULT0#
VDD_CPU
REF
PCI_F0
PCI_F1
VDD_PCI
GND_PCI
PCI1
PCI2
PCI3
VDD_PCI
PCI4
PCI6
VDD_3V66
66BUFF0/3V66_2
66BUFF1/3V66_3
66IN/3V66_5
PWR_DWN#
3V66_0
VDD_3V66
3V66_1/VCH
GND_ 48 MHz
DOT
USB
GND_IREF
IREF
CPU#2
CPU2
VDD_CPU
CPU#1
CPU1
CPU#0
CPU0
S0
S1
GND_CORE
PWR_GD#
SCLK
SDATA
VDD_REF
CPU0:2
CPU#0:2
PCI_F0:2
XTAL
PLL Ref Freq
X2
X1
REF
VDD_PCI
USB (48MHz)
VCH_CLK/ 3V66_1
OSC
VDD_CPU
CPU_STOP#
SCLK
PCI0:6
PCI_STOP#
Stop
Clock
Control
Stop
Clock
Control
PLL 1
SMBus
Logic
DOT (48MHz)
PWR_DWN#
S0:2
VDD_48MHz
SDATA
VDD_3V66
3V66_0
3V66_2:4/
Divider
Network
3V66_5/ 66IN
PWR
PWR
PWR
PWR
PWR
PLL 2
PWR
66BUFF0:2
Gate
PWR_GD#
Pin Configurations
/2


Similar Part No. - CYW320ZXC-4T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CYW320ZXC-4T SPECTRALINEAR-CYW320ZXC-4T Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CYW320ZXC-4T SILABS-CYW320ZXC-4T Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - CYW320ZXC-4T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com