Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN0605T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VN0605T
Description  N-Channel 60-V (D-S) MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN0605T Datasheet(HTML) 2 Page - Vishay Siliconix

  VN0605T Datasheet HTML 1Page - Vishay Siliconix VN0605T Datasheet HTML 2Page - Vishay Siliconix VN0605T Datasheet HTML 3Page - Vishay Siliconix VN0605T Datasheet HTML 4Page - Vishay Siliconix VN0605T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VN10LLS, VN0605T, VN0610LL, VN2222LL
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70212
S-04279—Rev. G, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VN10LLS
VN0610LL
VN0605T
VN2222LL
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Drain-Source
VGS = 0 V, ID = 100 mA
70
60
60
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
70
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
2.1
0.8
2.5
0.8
3.0
0.6
2.5
VDS = 0 V, VGS = "20 V
"100
"100
Gate-Body Leakage
IGSS
TJ=125_C
"500
nA
VDS = 0 V, VGS = "30 V
"100
VDS = 50 V, VGS = 0 V
10
1.0
Zero Gate-Voltage
TJ= 125_C
500
500
m
Zero Gate-Voltage
Drain Current
IDSS
VDS = 48 V, VGS = 0 V
10
mA
TJ= 125_C
500
On-State Drain Currentb
ID(on)
VDS = 10 V, VGS = 10 V
1000
750
500
750
mA
VGS = 4.5 V, ID = 50 mA
4.5
7.5
Drain-Source
VGS = 5 V, ID = 0.2 A
4.5
7.5
7.5
W
Drain-Source
On-Resistanceb
rDS(on)
VGS = 10 V, ID = 0.5 A
2.4
5
5
7.5
W
TJ= 125_C
4.4
9
10
13.5
Forward
VDS = 10 V, ID = 0.5 A
230
100
100
Forward
Transconductanceb
gfs
VDS = 10 V, ID = 0.2 A
180
80
mS
Common Source
Output Conductanceb
gos
VDS = 5 V, ID = 50 mA
500
ms
Dynamic
Input Capacitance
Ciss
22
60
60
60
Output Capacitance
Coss
VDS =25 V, VGS = 0 V
11
25
25
25
pF
Reverse Transfer
Capacitance
Crss
f = 1 MHz
2
5
5
5
pF
Switchingc
Turn-On Time
tON
VDD = 15 V, RL = 23 W, ID ^ 0.6 A
7
10
10
Turn-Off Time
tOFF
VDD = 15 V, RL = 23 W, ID ^ 0.6 A
VGEN = 10 V, RG = 25 W
7
10
10
Turn-On Time
tON
VDD = 30 V, RL = 150 W, ID ^ 0.2 A
7
20
ns
Turn-Off Time
tOFF
VDD = 30 V, RL = 150 W, ID ^ 0.2 A
VGEN = 10 V, RG = 25 W
11
20
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
VNBF06
b.
Pulse test: PW
v300 ms duty cycle v3%.
c.
Switching time is essentially independent of operating temperature.


Similar Part No. - VN0605T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
VN0605T CALOGIC-VN0605T Datasheet
23Kb / 2P
   VN0605T N-Channel Enhancement-Mode MOS Transistor
logo
Vishay Siliconix
VN0605T VISHAY-VN0605T Datasheet
41Kb / 4P
   N-Channel 60-V (D-S) MOSFETs
Rev. G, 16-Jul-01
VN0605T VISHAY-VN0605T Datasheet
72Kb / 5P
   N-Channel Enhancement-Mode MOSFET Transistors
Rev. E, 28-Apr-97
logo
TEMIC Semiconductors
VN0605T TEMIC-VN0605T Datasheet
112Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
More results

Similar Description - VN0605T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR188LDP VISHAY-SIR188LDP Datasheet
179Kb / 7P
   N-Channel 60 V (D-S) MOSFETs
01-Jan-2022
TN0601L VISHAY-TN0601L Datasheet
53Kb / 4P
   N-Channel 60-V (D-S) MOSFETs
Rev. E, 16-Jul-01
SIR180ADP VISHAY-SIR180ADP Datasheet
258Kb / 9P
   N-Channel 60 V (D-S) MOSFETs
01-Jan-2022
VN10LLS VISHAY-VN10LLS Datasheet
41Kb / 4P
   N-Channel 60-V (D-S) MOSFETs
Rev. G, 16-Jul-01
SIJ462DP VISHAY-SIJ462DP_V01 Datasheet
221Kb / 10P
   N-Channel 60 V (D-S) MOSFETs
01-Jan-2022
SIZ250DT VISHAY-SIZ250DT Datasheet
352Kb / 14P
   Dual N-Channel 60 V (D-S) MOSFETs
01-Jan-2022
SIJH600E VISHAY-SIJH600E Datasheet
190Kb / 7P
   N-Channel 60 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQ2308ES VISHAY-SQ2308ES Datasheet
116Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFETs
01-Jan-2022
VN0610L VISHAY-VN0610L Datasheet
63Kb / 4P
   N-Channel 60-V (D-S) MOSFETs with Zener Gate
Rev. F, 16-Jul-01
VN10KLS VISHAY-VN10KLS Datasheet
48Kb / 4P
   N-Channel 60-V (D-S) MOSFETs with Zener Gate
Rev. F, 16-Jul-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com