Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3434E-40U6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # UPSD3434E-40U6
Description  Fast Turbo 8032 MCU with USB and Programmable Logic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3434E-40U6 Datasheet(HTML) 2 Page - STMicroelectronics

  UPSD3434E-40U6 Datasheet HTML 1Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 2Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 3Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 4Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 5Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 6Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 7Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 8Page - STMicroelectronics UPSD3434E-40U6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
uPSD34xx
2/9
Table 1. Device Summary
Note: Operating temperature is in the Industrial range (–40°C to 85°C).
SUMMARY DESCRIPTION
The
Turbo Plus uPSD34xx Series combines a
powerful 8051-based microcontroller with a flexi-
ble memory structure, programmable logic, and a
rich peripheral mix to form an ideal embedded
controller. At its core is a fast 4-cycle 8032 MCU
with a 4-byte instruction prefetch queue (PFQ) and
a 4-entry fully associative branching cache (BC).
The MCU is connected to a 16-bit internal instruc-
tion path to maximize performance, enabling loops
of code in smaller localities to execute extremely
fast. The 16-bit wide instruction path in the
Turbo
Plus Series allows double-byte instructions to be
fetched from memory in a single memory cycle.
This keeps the average performance near its peak
performance (peak performance for 5V, 40MHz
Turbo
Plus uPSD34xx is 10 MIPS for single-byte
instructions, and average performance will be ap-
proximately 9 MIPS for mix of single- and multi-
byte instructions).
USB 2.0 (full speed, 12Mbps) is included, provid-
ing 10 endpoints, each with its own 64-byte FIFO
to maintain high data throughput. Endpoint 0 (Con-
trol Endpoint) uses two of the 10 endpoints for In
and Out directions, the remaining eight endpoints
may be allocated in any mix to either type of trans-
fers: Bulk or Interrupt.
Code development is easily managed without a
hardware In-Circuit Emulator by using the serial
JTAG debug interface. JTAG is also used for In-
System Programming (ISP) in as little as 10 sec-
onds, perfect for manufacturing and lab develop-
ment. The 8032 core is coupled to Programmable
System Device (PSD) architecture to optimize the
8032 memory structure, offering two independent
banks of Flash memory that can be placed at vir-
tually any address within 8032 program or data ad-
dress space, and easily paged beyond 64K bytes
using on-chip programmable decode logic.
Dual Flash memory banks provide a robust solu-
tion for remote product updates in the field through
In-Application Programming (IAP). Dual Flash
banks also support EEPROM emulation, eliminat-
ing the need for external EEPROM chips.
General purpose programmable logic (PLD) is in-
cluded to build an endless variety of glue-logic,
saving external logic devices. The PLD is config-
ured using the software development tool, PSD-
soft
Express,
available
from
the
web
at
www.st.com/psm, at no charge.
The uPSD34xx also includes supervisor functions
such as a programmable watchdog timer and low-
voltage reset.
Part Number
Max MHz
1st
Flash
(bytes)
2nd
Flash
SRAM
GPIO
8032
Bus
VCC
VDD
Pkg.
uPSD3422E-40T6
40
64K
32K
4K
35
No
3.3V
5.0V
TQFP52
uPSD3422EV-40T6
40
64K
32K
4K
35
No
3.3V
3.3V
TQFP52
uPSD3422E-40U6
40
64K
32K
4K
46
Yes
3.3V
5.0V
TQFP80
uPSD3422EV-40U6
40
64K
32K
4K
46
Yes
3.3V
3.3V
TQFP80
uPSD3433E-40T6
40
128K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3433EV-40T6
40
128K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3433E-40U6
40
128K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3433EV-40U6
40
128K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3434E-40T6
40
256K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3434EV-40T6
40
256K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3434E-40U6
40
256K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3434EV-40U6
40
256K
32K
8K
46
Yes
3.3V
3.3V
TQFP80


Similar Part No. - UPSD3434E-40U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3434E-40U6 STMICROELECTRONICS-UPSD3434E-40U6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3434E-40U6 STMICROELECTRONICS-UPSD3434E-40U6 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3434E-40U6T STMICROELECTRONICS-UPSD3434E-40U6T Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3434E-40U6T STMICROELECTRONICS-UPSD3434E-40U6T Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
More results

Similar Description - UPSD3434E-40U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com