Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C185-15VI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C185-15VI
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-15VI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C185-15VI Datasheet HTML 3Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 4Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 5Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 6Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 7Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 8Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 9Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 10Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. **
Page 8 of 11
Truth Table
CE1
CE2
WE
OE
Input/Output
Mode
H
X
X
X
High Z
Deselect/Power-Down
X
L
X
X
High Z
Deselect/Power-Down
L
H
H
L
Data Out
Read
L
H
L
X
Data In
Write
L
H
H
H
High Z
Deselect
Address Designators
Address
Name
Address
Function
Pin
Number
A4
X3
2
A5
X4
3
A6
X5
4
A7
X6
5
A8
X7
6
A9
Y1
7
A10
Y4
8
A11
Y3
9
A12
Y0
10
A0
Y2
21
A1
X0
23
A2
X1
24
A3
X2
25
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C185–15PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185–15SC
S21
28-Lead Molded SOIC
CY7C185–15VC
V21
28-Lead Molded SOJ
CY7C185–15VI
V21
28-Lead Molded SOJ
Industrial
20
CY7C185–20PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185–20SC
S21
28-Lead Molded SOIC
CY7C185–20VC
V21
28-Lead Molded SOJ
CY7C185–20VI
V21
28-Lead Molded SOJ
Industrial
25
CY7C185–25PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185–25SC
S21
28-Lead Molded SOIC
CY7C185–25VC
V21
28-Lead Molded SOJ
CY7C185–25VI
V21
28-Lead Molded SOJ
Industrial
35
CY7C185–35PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C185–35SC
S21
28-Lead Molded SOIC
CY7C185–35VC
V21
28-Lead Molded SOJ
CY7C185–35VI
V21
28-Lead Molded SOJ
Industrial


Similar Part No. - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
More results

Similar Description - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com