Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3510T+TR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3510T+TR
Description  I2C Gamma and VCOM Buffer with EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3510T+TR Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3510T+TR Datasheet HTML 1Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 2Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 3Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 4Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 5Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 6Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 7Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 8Page - Maxim Integrated Products DS3510T+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
I2C Gamma and VCOM Buffer with EEPROM
2
_______________________________________________________________________________________
RECOMMENDED OPERATING CONDITIONS
(TA = -45°C to +95°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VDD Relative to GND ............................-0.5V to +16V
Voltage on VRL, VRH, GHH, GHM, GLM, GLL
Relative to GND........-0.5V to (VDD + 0.5V), not to exceed 16V
Voltage on VCC Relative to GND ..............................-0.5V to +6V
Voltage on SDA, SCL, A0, LD, S0,
S1 Relative to GND ....-0.5V to (VCC + 0.5V), not to exceed 6V
Junction Temperature ......................................................+125
°C
Operating Temperature Range ...........................-45
°C to +95°C
Programming Temperature Range .........................0
°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...............Refer to IPC/JEDEC J-STD-020
Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
Analog Supply Voltage
VDD
(Note 1)
+9.0
+15.0
V
VRH, VRL Voltage
VVCOM
Applies to VCOM output
+2.0
VDD - 2.0
V
GHH, GHM, GLM, GLL Voltage
VGM1–10
Applies to GM1–GM10
GND +
0.2
VDD - 0.2
V
Input Logic 1
(SCL, SDA, A0, S0, S1, LD)
VIH
0.7 x
VCC
VCC
+ 0.3
V
Input Logic 0
(SCL, SDA, A0, S0, S1, LD)
VIL
-0.3
0.3 x VCC
V
VCOM Load Capacitor
CD
1
µF
VCAP Compensation Capacitor
CCOMP
0.1
µF
INPUT ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -45°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage (SDA, SCL, S0,
S1, LD)
IL
-1
+1
µA
Input Leakage (A0)
IL:A0
2
mA
VDD Supply Current
IDD
(Notes 2, 3)
6.7
15.0
mA
VCC Supply Current, Nonvolatile
Read or Write
ICC
(Note 4)
0.2
1.0
mA
VCC Standby Supply Current
ICCQ
(Note 5)
1.8
10.0
µA
VDD Standby Supply Current
IDDQ
(Note 6)
2
4
mA
I/O Capacitance (SDA, SCL, A0)
CI/O
(Note 7)
5
10
pF
End-to-End Resistance
(VRH to VRL)
RTOTAL
16
k
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - DS3510T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
DS3514T++ MAXIM-DS3514T+ Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
DS3514T+TR MAXIM-DS3514T+TR Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
More results

Similar Description - DS3510T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com