Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K50S Datasheet(PDF) 5 Page - Altera Corporation

Part # EPF10K50S
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50S Datasheet(HTML) 5 Page - Altera Corporation

  EPF10K50S Datasheet HTML 1Page - Altera Corporation EPF10K50S Datasheet HTML 2Page - Altera Corporation EPF10K50S Datasheet HTML 3Page - Altera Corporation EPF10K50S Datasheet HTML 4Page - Altera Corporation EPF10K50S Datasheet HTML 5Page - Altera Corporation EPF10K50S Datasheet HTML 6Page - Altera Corporation EPF10K50S Datasheet HTML 7Page - Altera Corporation EPF10K50S Datasheet HTML 8Page - Altera Corporation EPF10K50S Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
Altera Corporation
5
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Notes:
(1)
This application uses combinatorial inputs and outputs.
(2)
This application uses registered inputs and outputs.
Table 6 shows FLEX 10KE performance for more complex designs. These
designs are available as Altera MegaCore® functions.
Note:
(1)
These values are for calculation time. Calculation time = number of clocks required/fmax. Number of clocks
required = ceiling [log 2 (points)/2]
× [points +14 + ceiling]
Table 5. FLEX 10KE Performance
Application
Resources Used
Performance
Units
LEs
EABs
-1 Speed Grade -2 Speed Grade -3 Speed Grade
16-bit loadable counter
16
0
285
250
200
MHz
16-bit accumulator
16
0
285
250
200
MHz
16-to-1 multiplexer (1)
10
0
3.5
4.9
7.0
ns
16-bit multiplier with 3-stage
pipeline (2)
592
0
156
131
93
MHz
256
× 16 RAM read cycle
speed (2)
0
1
196
154
118
MHz
256
× 16 RAM write cycle
speed (2)
0
1
185
143
106
MHz
Table 6. FLEX 10KE Performance for Complex Designs
Application
LEs Used
Performance
Units
-1 Speed Grade -2 Speed Grade -3 Speed Grade
8-bit, 16-tap parallel finite impulse
response (FIR) filter
597
192
156
116
MSPS
8-bit, 512-point fast Fourier
transform (FFT) function
1,854
23.4
28.7
38.9
µs (1)
113
92
68
MHz
a16450
universal asynchronous
receiver/transmitter (UART)
342
36
28
20.5
MHz


Similar Part No. - EPF10K50S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50S ALTERA-EPF10K50S Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50S ALTERA-EPF10K50S Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50SFC484-2X ALTERA-EPF10K50SFC484-2X Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com