Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F114 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F114
Description  Dual J-K negative edge-triggered flip-flop with common clock and reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F114 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F114 Datasheet HTML 1Page - NXP Semiconductors 74F114 Datasheet HTML 2Page - NXP Semiconductors 74F114 Datasheet HTML 3Page - NXP Semiconductors 74F114 Datasheet HTML 4Page - NXP Semiconductors 74F114 Datasheet HTML 5Page - NXP Semiconductors 74F114 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
74F114
Dual J-K negative edge-triggered flip-flop
with common clock and reset
1996 Mar 14
4
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
85
100
80
MHz
tPLH
tPHL
Propagation delay
CP to Qn or Qn
Waveform 1
2.0
2.0
5.0
5.5
6.5
7.5
2.0
2.0
7.5
8.5
ns
tPLH
tPHL
Propagation delay
SDn, RD to Qn or Qn
Waveform 2,3
2.0
2.0
4.5
4.5
6.5
6.5
2.0
2.0
7.5
7.5
ns
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tS(H)
tS(L)
Setup time, High or Low
Jn, Kn to CP
Waveform 1
4.0
3.5
5.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
Jn, Kn to CP
Waveform 1
0.0
0.0
0.0
0.0
ns
tW(H)
tW(L)
CP Pulse width
High or Low
Waveform 1
4.5
4.5
5.0
5.0
ns
tW(L)
SDn, RD Pulse width
Low
Waveform 2,3
4.5
5.0
ns
tREC
Recovery time
SDn, RD to CP
Waveform 2,3
4.5
5.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
CP
VM
VM
VM
VM
VM
VM
ts(H)
th(H)
Jn, Kn
Qn
VM
tw(L)
fmax
ts(L)
th(L)
VM
VM
tPHL
Qn
tw(H)
tPLH
tPLH
tPHL
SF00114
Kn
Kn
Jn
Jn
Waveform 1.
Propagation Delay for Data to Output, Data Setup Time and Hold Times, and Clock Pulse Width


Similar Part No. - 74F114

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F114 FAIRCHILD-74F114 Datasheet
55Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
74F114PC FAIRCHILD-74F114PC Datasheet
55Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
74F114SC FAIRCHILD-74F114SC Datasheet
55Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
More results

Similar Description - 74F114

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
M74LS76AP MITSUBISHI-M74LS76AP Datasheet
231Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH SET AND RESET
logo
NXP Semiconductors
74ALS112A PHILIPS-74ALS112A Datasheet
92Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1991 Feb 08
logo
Texas Instruments
SN74F112NSR TI1-SN74F112NSR Datasheet
627Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
logo
NXP Semiconductors
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
logo
Texas Instruments
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
SN54ALS114A TI1-SN54ALS114A Datasheet
75Kb / 4P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR AND COMMON CLOCK
SN74HC114 TI-SN74HC114 Datasheet
188Kb / 4P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR, AND COMMON CLOCK
SN54LS114A TI-SN54LS114A Datasheet
240Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR, AND COMMON CLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com