Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC174 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 74VHC174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC174 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 74VHC174_04 Datasheet HTML 5Page - STMicroelectronics 74VHC174_04 Datasheet HTML 6Page - STMicroelectronics 74VHC174_04 Datasheet HTML 7Page - STMicroelectronics 74VHC174_04 Datasheet HTML 8Page - STMicroelectronics 74VHC174_04 Datasheet HTML 9Page - STMicroelectronics 74VHC174_04 Datasheet HTML 10Page - STMicroelectronics 74VHC174_04 Datasheet HTML 11Page - STMicroelectronics 74VHC174_04 Datasheet HTML 12Page - STMicroelectronics 74VHC174_04 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74VHC174
9/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.004
0.010
a2
1.64
0.063
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
0016020D


Similar Part No. - 74VHC174_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC174FT TOSHIBA-74VHC174FT Datasheet
178Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
STMicroelectronics
74VHC174M STMICROELECTRONICS-74VHC174M Datasheet
71Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
June 1999
74VHC174T STMICROELECTRONICS-74VHC174T Datasheet
71Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
June 1999
More results

Similar Description - 74VHC174_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com