Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3103IJQ-1-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3103IJQ-1-T1
Description  3-Channel Charge-Pump LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3103IJQ-1-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3103IJQ-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3103IJQ-1-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AAT3103
3-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
3103.2008.03.1.0
11
www .analogictech.com
Applications Information
LED Selection
The AAT3103 is specifically intended for driving WLEDs.
However, the device design will allow the AAT3103 to
drive most types of LEDs with forward voltage specifica-
tions ranging from 2.2V to 4.7V. LED applications may
include mixed arrangements for display backlighting,
keypad display, and any other application needing a con-
stant current sink generated from a varying input volt-
age. Since the D1 to D3 constant current sources are
matched with negligible supply voltage dependence, the
constant current channels will be matched regardless of
the specific LED forward voltage (VF) levels.
The internal charge pump and low dropout current
sources in the AAT3103 maximize performance and
make it capable of driving LEDs with high forward volt-
ages. Multiple channels can be combined to obtain a
higher LED drive current without complication.
Constant Current Setting
The LED full scale current is controlled by the RSET resis-
tor. The following formula can be used to calculate the
AAT3103-1/2/4 full scale LED current:
I
LED_FS =
· 4 · 60
1.2
R
SET
Table 4 shows the RSET resistor value for the AAT3103-1/2/4
for various LED full-scale current levels. For maximum
accuracy, a 1% tolerance resistor is recommended.
ILED_FS (mA)
RSET (kΩ)
30.2
9.53
20.1
14.3
15.1
19.1
10.0
28.7
Table 4: Maximum LED Current and RSET Resistor
Values (1% Resistor Tolerance) for the AAT3103.
The S2C interface rising edges control the LED current
from full scale to the LSB. For the AAT3103-1, 16 steps
are employed. Figure 5 shows the LED current of the
AAT3103-1 at different RSET values.
S2C Wire Interface Data Code
0
5
10
15
20
25
30
35
1
2
34
56
7
8
9 10 11 12 13 14 15 16
RSET = 9.53k
RSET = 14.3k
RSET = 19.1k
RSET = 28.7k
Figure 5: AAT3103-1 LED Current Control Profile
at Different RSET Values.
Use the following formula to calculate the AAT3103-3 full
scale LED current:
I
LED_FS =
· 4 · 48
1.2
R
SET
For example, an 11.5kΩ 1% resistor is used to achieve
20mA full scale LED current operation.
Device Switching Noise Performance
The AAT3103 operates at a fixed frequency of approxi-
mately 0.9MHz to control noise and limit harmonics that
can interfere with the RF operation of mobile communi-
cation devices. Back-injected noise appearing on the
input pin of the charge pump is 20mV peak-to-peak,
typically ten times less than inductor-based DC/DC boost
converter WLED backlight solutions. The AAT3103's soft-
start feature prevents noise transient effects associated
with inrush currents during start-up of the charge pump
circuit.
Shutdown
To activate the shutdown operation, the EN/SET input for
the AAT3103-1/-2 should be pulsed low for longer than
tOFF (500μs). For the 3103-4 PWM options, shutdown
operation is enabled when the EN/PWM input is pulsed
low longer than 500μs. In this state, the AAT3103 typi-
cally draws less than 1μA from the input. Registers are
reset to 0 in shutdown.


Similar Part No. - AAT3103IJQ-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3104 ANALOGICTECH-AAT3104 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3104IJQ-1-T1 ANALOGICTECH-AAT3104IJQ-1-T1 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3104IJQ-2-T1 ANALOGICTECH-AAT3104IJQ-2-T1 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105IJQ-T1 ANALOGICTECH-AAT3105IJQ-T1 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
More results

Similar Description - AAT3103IJQ-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com