Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321AID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS321AID
Description  Low power single operational amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AID Datasheet(HTML) 5 Page - STMicroelectronics

  TS321AID Datasheet HTML 1Page - STMicroelectronics TS321AID Datasheet HTML 2Page - STMicroelectronics TS321AID Datasheet HTML 3Page - STMicroelectronics TS321AID Datasheet HTML 4Page - STMicroelectronics TS321AID Datasheet HTML 5Page - STMicroelectronics TS321AID Datasheet HTML 6Page - STMicroelectronics TS321AID Datasheet HTML 7Page - STMicroelectronics TS321AID Datasheet HTML 8Page - STMicroelectronics TS321AID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS321
Electrical characteristics
5/12
φm
Phase margin
60
Degrees
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, VCC
+ = +30V
0.015
%
en
Equivalent input noise
voltage
f = 1kHz, Rs = 100Ω, VCC
+ = +30V
40
1.
Vo = 1.4V, Rs = 0Ω, 5V < VCC
+ < 30V, 0 < V
icm < VCC
+ - 1.5V.
2.
The direction of the input current is out of the IC. This current is essentially constant and independent of the state of the
output, therefore there is no change in the load on the input lines.
Table 3.
VCC
+ = +5V, V
CC
- = Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------


Similar Part No. - TS321AID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS321AID STMICROELECTRONICS-TS321AID Datasheet
181Kb / 13P
   Low power single operational amplifier
TS321AID/AIDT STMICROELECTRONICS-TS321AID/AIDT Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
TS321AIDT STMICROELECTRONICS-TS321AIDT Datasheet
181Kb / 13P
   Low power single operational amplifier
More results

Similar Description - TS321AID

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI1-TS321 Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com