Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62353 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62353
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62353 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62353 Datasheet HTML 1Page - Texas Instruments TPS62353 Datasheet HTML 2Page - Texas Instruments TPS62353 Datasheet HTML 3Page - Texas Instruments TPS62353 Datasheet HTML 4Page - Texas Instruments TPS62353 Datasheet HTML 5Page - Texas Instruments TPS62353 Datasheet HTML 6Page - Texas Instruments TPS62353 Datasheet HTML 7Page - Texas Instruments TPS62353 Datasheet HTML 8Page - Texas Instruments TPS62353 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
www.ti.com
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
SLVS540D – MAY 2006 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply with
VI = 3.6 V, EN = VI, VSEL = VI, SYNC = GND, VSEL0[6] bit = 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS62350/1/2/3/4/5
900
1100
1300
mA
N-MOS current limit
2.7 V
≤ VI ≤ 5.5 V
(sourcing)
TPS62356
1200
1400
1700
mA
TPS62350/1/2/3/4/5
-500
-700
-900
mA
N-MOS current limit
2.7 V
≤ VI ≤ 5.5 V
(sinking)
TPS62356
-500
-700
-900
mA
TPS62350/1/2/3/4/5
675
mA
Input current limit under
VO = 0 V
short-circuit conditions
TPS62356
775
mA
Thermal shutdown
150
°C
Thermal shutdown hysteresis
20
°C
OSCILLATOR
fSW
Oscillator frequency
CONTROL2[4:3] = 00
2.65
3
3.35
MHz
f(SYNC)
Synchronization range
2.65
3.35
MHz
Duty cycle of external clock signal
20%
80%
OUTPUT
TPS62350
0.75
1.5375
V
TPS62351
0.90
1.6875
V
TPS62352
0.75
1.4375
V
VO
Output voltage range
TPS62353
0.75
1.5375
V
TPS62354
0.75
1.5375
V
TPS62355
0.75
1.5375
V
TPS62356
1.50
1.975
V
ton(MIN)
Minimum on-time (P-channel MOSFET)
35
ns
Resistance into FB sense pin
700
1000
k
VI = 3.6 V, VO = 1.35 V, IO(DC) = 0 mA
–1.5%
1.5%
PWM operation
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.35 V, 1.5375 V
–2%
2%
PWM operation
Output voltage
VO
TPS62350
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA
DC accuracy
–1%
4.5%
VO = 1.05 V, L = 1 µH, Light PFM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
3%
VO = 1.35 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.5%
VO = 1.05 V, L = 1 µH, Light or Fast PFM/PWM
VI = 3.6 V, VO = 1.50 V, IO(DC) = 0 mA
–1.5%
1.5%
PWM operation
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.90 V, 1.10 V, 1.50 V, 1.6875 V
–2%
2%
PWM operation
Output voltage
VO
TPS62351
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA
DC accuracy
–1%
4.5%
VO = 1.10 V, L = 1 µH, Light PFM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.5%
VO = 1.10 V, L = 1 µH, Light or Fast PFM/PWM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.0%
VO = 1.50 V, L = 1 µH, Light or Fast PFM/PWM
VI = 3.6 V, VO = 1.20 V, IO(DC) = 0 mA
–1.5%
1.5%
PWM operation
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V
–2%
2%
PWM operation
Output voltage
VO
TPS62352
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA
DC accuracy
–1%
4.5%
VO = 1.05 V, L = 1 µH, Light PFM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
3%
VO = 1.20 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.5%
VO = 1.05 V, L = 1 µH, Light or Fast PFM/PWM
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356


Similar Part No. - TPS62353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62353 TI-TPS62353 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353 TI-TPS62353 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353 TI-TPS62353 Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62353 TI-TPS62353 Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62353YZG TI-TPS62353YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com