Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1934YSTZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD1934YSTZ
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934YSTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1934YSTZ Datasheet HTML 3Page - Analog Devices AD1934YSTZ Datasheet HTML 4Page - Analog Devices AD1934YSTZ Datasheet HTML 5Page - Analog Devices AD1934YSTZ Datasheet HTML 6Page - Analog Devices AD1934YSTZ Datasheet HTML 7Page - Analog Devices AD1934YSTZ Datasheet HTML 8Page - Analog Devices AD1934YSTZ Datasheet HTML 9Page - Analog Devices AD1934YSTZ Datasheet HTML 10Page - Analog Devices AD1934YSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1934
Rev. 0 | Page 7 of 28
Parameter
Condition
Comments
Min
Max
Unit
DAC SERIAL PORT
See Figure 16
tDBH
DBCLK high
Slave mode
10
ns
tDBL
DBCLK low
Slave mode
10
ns
tDLS
DLRCLK setup
To DBCLK rising, slave mode
10
ns
tDLH
DLRCLK hold
From DBCLK rising, slave mode
5
ns
tDLS
DLRCLK skew
From DBCLK falling, master mode
−8
+8
ns
tDDS
DSDATA setup
To DBCLK rising
10
ns
tDDH
DSDATA hold
From DBCLK rising
5
ns
AUXTDM SERIAL PORT
See Figure 17
tABH
AUXTDMBCLK high
Slave mode
10
ns
tABL
AUXTDMBCLK low
Slave mode
10
ns
tALS
AUXTDMLRCLK setup
To AUXTDMBCLK rising, slave mode
10
ns
tALH
AUXTDMLRCLK hold
From AUXTDMBCLK rising, slave mode
5
ns
tALS
AUXTDMLRCLK skew
From AUXTDMBCLK falling, master mode
−8
+8
ns
tDDS
DSDATA setup
To AUXTDMBCLK, not shown in Figure 17
10
ns
tDDH
DSDATA hold
From AUXTDMBCLK rising, not shown in Figure 17
5
ns
AUXILIARY INTERFACE
tDXDD
AUXDATA delay
From AUXBCLK falling
18
ns
tXBH
AUXBCLK high
10
ns
tXBL
AUXBCLK low
10
ns
tDLS
AUXLRCLK setup
To AUXBCLK rising
10
ns
tDLH
AUXLRCLK hold
From AUXBCLK rising
5
ns


Similar Part No. - AD1934YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1934YSTZ AD-AD1934YSTZ Datasheet
575Kb / 28P
   8-Channel DAC
AD1934YSTZ-RL AD-AD1934YSTZ-RL Datasheet
575Kb / 28P
   8-Channel DAC
More results

Similar Description - AD1934YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com