Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCC1-E5B Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VCC1-E5B
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC1-E5B Datasheet(HTML) 1 Page - Vectron International, Inc

  VCC1-E5B Datasheet HTML 1Page - Vectron International, Inc VCC1-E5B Datasheet HTML 2Page - Vectron International, Inc VCC1-E5B Datasheet HTML 3Page - Vectron International, Inc VCC1-E5B Datasheet HTML 4Page - Vectron International, Inc VCC1-E5B Datasheet HTML 5Page - Vectron International, Inc VCC1-E5B Datasheet HTML 6Page - Vectron International, Inc VCC1-E5B Datasheet HTML 7Page - Vectron International, Inc VCC1-E5B Datasheet HTML 8Page - Vectron International, Inc VCC1-E5B Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC1 series
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
The VCC1 Crystal Oscillator
Features
• CMOS output
• Output frequencies to 190 MHz
• Low jitter, Fundamental or 3rd OT Crystal
• Tri-state output for board test and debug
• -10/70 or –40/85 °C operating temperature
• Gold over nickel contact pads
Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH/DWDM
• Ethernet, Gigabit Ethernet
• Storage Area Network
Digital Video
Broadband Access
Microprocessors/DSP/FPGA
Description
Vectron’s VCC1 Crystal Oscillator (XO) is quartz
stabilized square wave generator with a CMOS
output, operating off a 1.8, 2.5, 3.3, or 5.0 volt
supply.
The VCC1 uses fundamental or 3
rd overtone
crystals resulting in low jitter performance,
typically 0.5ps rms in the 12 kHz to 20MHz
band. Also a monolithic IC, which improves
reliability and reduces cost, is hermitically
sealed.
fo
Output
Buffer /
Disable


Similar Part No. - VCC1-E5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-E5B-125M00 ETC1-VCC1-E5B-125M00 Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC1-E5B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com