Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCC1-F5B Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VCC1-F5B
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC1-F5B Datasheet(HTML) 4 Page - Vectron International, Inc

  VCC1-F5B Datasheet HTML 1Page - Vectron International, Inc VCC1-F5B Datasheet HTML 2Page - Vectron International, Inc VCC1-F5B Datasheet HTML 3Page - Vectron International, Inc VCC1-F5B Datasheet HTML 4Page - Vectron International, Inc VCC1-F5B Datasheet HTML 5Page - Vectron International, Inc VCC1-F5B Datasheet HTML 6Page - Vectron International, Inc VCC1-F5B Datasheet HTML 7Page - Vectron International, Inc VCC1-F5B Datasheet HTML 8Page - Vectron International, Inc VCC1-F5B Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VCC1 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Table 3. Electrical Performance, 2.5V option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
0.012
190.000
MHz
Operating Supply Voltage
1
VDD
2.25
2.5
2.75
V
Absolute Maximum Voltage
-0.5
5.0
V
Supply Current, Output Enabled
< 20 MHz
20.01 to 50 MHz
50.01 to 110 MHz
110.1 to 190 MHz
IDD
7.0
15.0
20.0
30.0
mA
Supply Current, Out disabled
IDD
30
uA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
Output Logic High Drive
Output Logic Low Drive
Output Logic High Drive
3
Output Logic Low Drive
3
VOH
VOL
IOH
IOL
IOH
IOL
0.9*VDD
4
4
8
8
0.1*VDD
V
V
mA
mA
mA
mA
Output Rise/Fall Time
2
<1.00 MHz
1.00 to 20.00 MHz
20.01 to 50.00 MHz
50.01 to 90.00 MHz
90.01 to 190.00 MHz
tR/tF
200
10
6
3
2
ns
Duty Cycle
4 (ordering option)
SYM
45/55
%
Operating Temperature (ordering option)
-10/70 or –40/85
°C
Storage Temperature
-55
125
°C
Stability
5 (ordering option)
±20, ±25, ±32, ±50, ±100
ppm
RMS Jitter, 12kHz to 20 MHz
0.5
1
ps
RMS Jitter
2.5
ps
Output Enable/Disable
6
Output Enabled
Output Disabled
1.75
0.5
V
Internal Enable Pull-Up resistor
6
100
Kohm
Start-up time
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 5 defines these parameters. Figure 6 illustrates the operating conditions under which these parameters are tested and
specified.
3. Overtone designs, output frequencies>35MHz.
4. Symmetry is measured defined as On Time/Period.
5. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
6. Output will be enabled if enable/disable is left open.
Figure 5. Output Waveform
Figure 6. Typical Output Test Conditions (25
±5°C)
+
-
+
-
IC
VC
3
2
.1µF
.01
µF
15pF
4
1
IDD
VDD
80
%
Vs
20
%
t
F
t
R
Period
On Time


Similar Part No. - VCC1-F5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-F5B-125M00 ETC1-VCC1-F5B-125M00 Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC1-F5B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com