Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-730P223X9630 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V-730P223X9630
Description  Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V-730P223X9630 Datasheet(HTML) 2 Page - Vishay Siliconix

  V-730P223X9630 Datasheet HTML 1Page - Vishay Siliconix V-730P223X9630 Datasheet HTML 2Page - Vishay Siliconix V-730P223X9630 Datasheet HTML 3Page - Vishay Siliconix V-730P223X9630 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: spresale@vishay.com
Document Number: 42092
26
Revision: 16-Nov-07
Type V-730P
Vishay Sprague
Film Capacitors
High Frequency, Wrap-and-Fill,
Metallized Polypropylene
Note:
Other capacitance values and voltage ratings are available upon request
** Part Numbers listed are for a capacitance tolerance of ± 10 %. To specifiy ± 20 % tolerance, change the “X9” in the Part Number to “X0”;
for ± 5 %, from “X9” to “X5”.
*** The peak current pulse capability ot these capacitors is 10 amperes/µF. The maximum rate voltage change is 10 V/µS.
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER**
CASE SIZE
ESR
(Milliohms)
20 kHz -
100 kHz
MAXIMUM RIPPLE CURRENT
(Amps rms) at 20 kHz
Case Temperature*** at
D
L
+ 25 °C + 35 °C + 45 °C + 55 °C + 65 °C + 75 °C + 85 °C
100 WVDC
0.22
V-730P224X9100
0.275 [7.0]
0.75 [19.0]
-
2.3
2.3
2.3
2.3
2.3
1.8
1.0
0.27
V-730P274X9100
0.298 [7.6]
0.75 [19.0]
-
2.6
2.6
2.6
2.6
2.4
1.9
1.1
0.33
V-730P334X9100
0.324 [8.2]
0.75 [19.0]
-
2.8
2.8
2.8
2.8
2.6
2.2
1.2
0.39
V-730P394X9100
0.347 [8.8]
0.75 [19.0]
-
3.1
3.1
3.1
3.1
2.9
2.3
1.3
0.47
V-730P474X9100
0.376 [9.6]
0.75 [19.0]
37.0
3.7
3.4
3.1
2.8
2.5
2.0
1.4
0.56
V-730P564X9100
0.321 [8.2]
1.00 [25.4]
35.0
3.9
3.6
3.3
2.9
2.6
2.1
1.5
0.68
V-730P684X9100
0.348 [8.8]
1.00 [25.4]
33.0
4.1
3.8
3.5
3.1
2.8
2.2
1.6
0.82
V-730P824X9100
0.377 [9.6]
1.00 [25.4]
31.0
4.3
4.0
3.6
3.2
2.9
2.3
1.7
1.0
V-730P105X9100
0.421 [10.7] 1.00 [25.4]
26.0
5.5
5.1
4.7
4.2
3.6
2.8
2.6
1.2
V-730P125X9100
0.454 [11.5] 1.00 [25.4]
24.0
5.7
5.3
4.9
4.4
3.8
3.0
2.8
1.5
V-730P155X9100
0.500 [12.7] 1.00 [25.4]
20.0
6.1
5.5
5.1
4.6
4.0
3.2
3.1
1.8
V-730P185X9100
0.541 [13.7] 1.00 [25.4]
19.0
6.3
5.7
5.3
4.8
4.1
3.4
3.0
2.0
V-730P205X9100
0.486 [12.3] 1.25 [31.8]
18.0
6.5
6.0
5.5
4.9
4.2
3.5
3.2
2.2
V-730P225X9100
0.507 [12.9] 1.25 [31.8]
18.0
6.8
6.3
5.7
5.1
4.4
3.6
3.3
2.7
V-730P275X9100
0.554 [14.1] 1.25 [31.8]
17.0
7.1
6.5
6.0
5.3
4.6
3.7
3.4
3.0
V-730P305X9100
0.581 [14.8] 1.25 [31.8]
16.0
7.3
6.7
6.2
5.5
4.8
3.9
3.5
3.3
V-730P335X9100
0.606 [15.4] 1.25 [31.8]
16.0
7.4
6.8
6.4
5.6
4.9
4.0
3.6
3.9
V-730P395X9100
0.654 [16.6] 1.25 [31.8]
15.0
7.6
6.9
6.6
5.8
5.1
4.1
3.7
4.0
V-730P405X9100
0.537 [13.6] 1.75 [44.5]
15.0
7.8
7.0
6.7
5.9
5.2
4.2
3.8
4.7
V-730P475X9100
0.577 [14.7] 1.75 [44.5]
15.0
8.1
7.4
6.8
6.0
5.3
4.3
3.9
5.0
V-730P505X9100
0.593 [15.1] 1.75 [44.5]
14.0
8.3
7.6
7.0
6.2
5.4
4.4
4.0
5.6
V-730P565X9100
0.624 [15.8] 1.75 [44.5]
14.0
8.4
7.7
7.1
6.4
5.5
4.5
4.1
6.0
V-730P605X9100
0.644 [16.4] 1.75 [44.5]
14.0
8.5
7.8
7.2
6.5
5.6
4.6
4.2
6.8
V-730P685X9100
0.682 [17.3] 1.75 [44.5]
13.0
8.5
8.0
7.4
6.7
5.7
4.7
4.3
8.0
V-730P805X9100
0.735 [18.7] 1.75 [44.5]
13.0
8.6
8.3
7.7
6.8
6.0
4.8
4.4
8.2
V-730P825X9100
0.743 [18.9] 1.75 [44.5]
13.0
8.8
8.6
8.0
7.0
6.1
4.9
4.5
10.0
V-730P106X9100
0.815 [20.7] 1.75 [44.5]
12.0
9.0
9.0
8.5
7.6
6.6
5.4
4.9
250 WVDC
0.1
V-730P104X9250
0.279 [7.1]
0.75 [19.0]
-
1.5
1.5
1.5
1.5
1.5
1.5
0.9
0.12
V-730P124X9250
0.300 [7.6]
0.75 [19.0]
-
1.9
1.9
1.9
1.9
1.9
1.7
1.1
0.15
V-730P154X9250
0.327 [8.3]
0.75 [19.0]
-
2.3
2.3
2.3
2.3
2.3
1.9
1.1
0.18
V-730P184X9250
0.353 [9.0]
0.75 [19.0]
-
2.7
2.7
2.7
2.7
2.5
2.0
1.2
0.22
V-730P224X9250
0.306 [7.8]
1.00 [25.4]
-
1.9
1.9
1.9
1.9
1.9
1.9
1.3
0.27
V-730P274X9250
0.333 [8.5]
1.00 [25.4]
-
2.4
2.4
2.4
2.4
2.4
2.2
1.4
0.33
V-730P334X9250
0.362 [9.2]
1.00 [25.4]
-
2.9
2.9
2.9
2.9
2.9
2.3
1.5
0.39
V-730P394X9250
0.389 [9.9]
1.00 [25.4]
-
3.4
3.4
3.4
3.2
2.9
2.3
1.6
0.47
V-730P474X9250
0.422 [10.7] 1.00 [25.4]
35.0
3.8
3.7
3.6
3.4
2.9
2.4
1.7
0.56
V-730P564X9250
0.464 [11.8] 1.00 [25.4]
33.0
3.9
3.8
3.7
3.5
3.1
2.5
1.8
0.68
V-730P684X9250
0.425 [10.8] 1.25 [31.8]
32.0
4.0
3.9
3.8
3.7
3.2
2.6
1.9
0.82
V-730P824X9250
0.471 [12.0] 1.25 [31.8]
31.0
4.2
4.1
4.0
3.9
3.4
2.8
2.0
1.0
V-730P105X9250
0.513 [13.0] 1.25 [31.8]
28.0
4.4
4.4
4.4
4.4
4.3
3.5
3.2
1.2
V-730P125X9250
0.554 [14.1] 1.25 [31.8]
27.0
4.7
4.6
4.5
5.0
4.5
3.7
3.3
1.5
V-730P155X9250
0.613 [15.6] 1.25 [31.8]
26.0
5.1
5.0
4.9
5.4
4.7
3.9
3.5
1.8
V-730P185X9250
0.667 [17.0] 1.25 [31.8]
25.0
5.9
5.8
5.7
5.7
5.0
4.1
3.7
2.0
V-730P205X9250
0.700 [17.8] 1.25 [31.8]
21.0
7.2
7.2
6.8
6.0
5.2
4.3
3.9
2.2
V-730P225X9250
0.610 [15.5] 1.75 [44.5]
20.0
8.4
7.5
7.0
6.3
5.4
4.5
4.1
2.7
V-730P275X9250
0.669 [17.0] 1.75 [44.5]
19.0
8.6
7.8
7.3
6.6
5.7
4.7
4.3
3.0
V-730P305X9250
0.703 [17.9] 1.75 [44.5]
18.0
9.0
8.3
7.6
6.8
5.9
4.8
4.4
3.3
V-730P335X9250
0.734 [18.6] 1.75 [44.5]
18.0
9.0
8.4
7.8
7.0
6.0
4.9
4.5
3.9
V-730P395X9250
0.794 [20.2] 1.75 [44.5]
17.0
9.0
8.5
8.0
7.2
6.2
5.0
4.6
4.0
V-730P405X9250
0.803 [20.4] 1.75 [44.5]
16.0
9.0
8.6
8.2
7.4
6.3
5.1
4.7
4.7
V-730P475X9250
0.866 [22.0] 1.75 [44.5]
16.0
9.0
8.8
8.5
7.7
6.6
5.3
4.9
5.0
V-730P505X9250
0.892 [22.7] 1.75 [44.5]
15.0
9.0
9.0
8.8
7.9
6.8
5.6
5.1
5.6
V-730P565X9250
0.941 [23.9] 1.75 [44.5]
15.0
9.0
9.0
8.9
8.0
7.0
5.8
5.3
6.0
V-730P605X9250
0.972 [24.7] 1.75 [44.5]
15.0
9.0
9.0
9.0
8.2
7.2
5.9
5.5
6.8
V-730P685X9250
0.882 [22.4] 2.25 [57.2]
15.0
9.0
9.0
9.0
8.4
7.4
6.0
5.6
8.0
V-730P805X9250
0.953 [24.2] 2.25 [57.2]
14.0
9.0
9.0
9.0
8.7
7.8
6.3
5.8
8.2
V-730P825X9250
0.964 [24.5] 2.25 [57.2]
14.0
9.0
9.0
9.0
8.8
7.9
6.4
5.9
10.0
V-730P106X9250
1.060 [26.9] 2.25 [57.2]
13.0
9.0
9.0
9.0
8.9
8.3
6.8
6.2


Similar Part No. - V-730P223X9630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
V-735P105X5100L VISHAY-V-735P105X5100L Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
V-735P105X9100H VISHAY-V-735P105X9100H Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
V-735P105X9100L VISHAY-V-735P105X9100L Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
V-735P105X9100L VISHAY-V-735P105X9100L Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
More results

Similar Description - V-730P223X9630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com