Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF346A Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS470R1VF346A
Description  16/32-BIT RISC FLASH MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VF346A Datasheet(HTML) 4 Page - Texas Instruments

  TMS470R1VF346A Datasheet HTML 1Page - Texas Instruments TMS470R1VF346A Datasheet HTML 2Page - Texas Instruments TMS470R1VF346A Datasheet HTML 3Page - Texas Instruments TMS470R1VF346A Datasheet HTML 4Page - Texas Instruments TMS470R1VF346A Datasheet HTML 5Page - Texas Instruments TMS470R1VF346A Datasheet HTML 6Page - Texas Instruments TMS470R1VF346A Datasheet HTML 7Page - Texas Instruments TMS470R1VF346A Datasheet HTML 8Page - Texas Instruments TMS470R1VF346A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
TMS470R1VF336A, TMS470R1VF346A
16/32-BIT RISC FLASH MICROCONTROLLERS
SPNS079I – OCTOBER 2002 – REVISED SEPTEMBER 2006
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
description
The TMS470R1VF336A and TMS470R1VF346Adevices are members of the Texas Instruments TMS470R1x
family of general-purpose16/32-bit reduced instruction set computer (RISC) microcontrollers. The VF3x6A
microcontroller offers high performance utilizing the high-speed ARM7TDMI 16/32-bit RISC central processing
unit (CPU), resulting in a high instruction throughput while maintaining greater code efficiency. The ARM7TDMI
16/32-bit RISC CPU views memory as a linear collection of bytes numbered upwards from zero. The
TMS470R1VF3x6A utilizes the big-endian format, where the most significant byte of a word is stored at the
lowest numbered byte and the least significant byte at the highest numbered byte.
High-end embedded control applications demand more performance from their controllers while maintaining
low costs. The VF3x6A RISC core architecture offers solutions to these performance and cost demands while
maintaining low power consumption.
The VF3x6Adevice contains the following:
ARM7TDMI 16/32-Bit RISC CPU
TMS470R1x system module (SYS) with 470+ enhancements
128K-byte flash
8K-byte SRAM
Zero-pin phase-locked loop (ZPLL) clock module
Analog watchdog (AWD) timer
Real-time interrupt (RTI) module
Two serial peripheral interface (SPI) modules
Two serial communications interface (SCI) modules
Standard CAN controller (SCC)
Class II serial interface (C2SIa)
10-bit multi-buffered analog-to-digital converter (MibADC), 12-input channels (VF336A), 16-input channels
(VF346A)
High-end timer (HET) controlling 27 I/Os (VF336A), controlling 16 I/Os (VF346A)
External Clock Prescale (ECP)
Up to 53 I/O pins and 1 input-only pin (VF336A), up to 49 I/O pins and 1 input-only pin (VF346A)
The functions performed by the 470+ system module (SYS) include: address decoding; memory protection;
memory and peripherals bus supervision; reset and abort exception management; prioritization for all internal
interrupt sources; device clock control; and parallel signature analysis (PSA). This data sheet includes device-
specific information such as memory and peripheral select assignment, interrupt priority, and a device memory
map. For a more detailed functional description of the SYS module, see the TMS470R1x System Module
Reference Guide (literature number SPNU189).
The VF3x6A memory includes general-purpose SRAM supporting single-cycle read/write accesses in byte,
half-word, and word modes.
† Throughout the remainder of this document, the TMS470R1VF336A and TMS470R1VF346A device names, where generic, shall be referred
to as TMS470R1VF3x6A; and, where unique, shall be referred to as either their full device name or VF336A or VF346A.


Similar Part No. - TMS470R1VF346A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF348 TI-TMS470R1VF348 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3482 TI-TMS470R1VF3482 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3482APZ-T TI-TMS470R1VF3482APZ-T Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3482APZA TI-TMS470R1VF3482APZA Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3482APZQ TI-TMS470R1VF3482APZQ Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
More results

Similar Description - TMS470R1VF346A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com