Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320VC5506ZHH Datasheet(PDF) 11 Page - Texas Instruments

Part # TMX320VC5506ZHH
Description  Fixed-Point Digital Signal Processor
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320VC5506ZHH Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMX320VC5506ZHH Datasheet HTML 7Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 8Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 9Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 10Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 11Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 12Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 13Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 14Page - Texas Instruments TMX320VC5506ZHH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
Features
11
October 2006 − Revised January 2008
SPRS375C
1
TMS320VC5506 Features
D High-Performance, Low-Power, Fixed-Point
TMS320C55x
 Digital Signal Processor
− 9.26-ns Instruction Cycle Time
− 108-MHz Clock Rate
− One/Two Instruction(s) Executed per
Cycle
− Dual Multipliers [Up to 216 Million
Multiply-Accumulates per Second
(MMACS)]
− Two Arithmetic/Logic Units (ALUs)
− Three Internal Data/Operand Read Buses
and Two Internal Data/Operand Write
Buses
D 64K x 16-Bit On-Chip RAM, Composed of:
− 64K Bytes of Dual-Access RAM (DARAM)
8 Blocks of 4K
× 16-Bit
− 64K Bytes of Single-Access RAM
(SARAM) 8 Blocks of 4K
× 16-Bit
D On-Chip Bootloader
D 8M × 16-Bit Maximum Addressable External
Memory Space (Synchronous DRAM)
D 16-Bit External Memory Interface (EMIF)
With GPIO Capabilities and Glueless
Interface to:
− Asynchronous Static RAM (SRAM)
− Asynchronous EPROM
− Synchronous DRAM (SDRAM)
D Programmable Low-Power Control of Six
Device Functional Domains
D On-Chip Scan-Based Emulation Logic
D On-Chip Peripherals
− Two 20-Bit Timers
− Watchdog Timer
− Six-Channel Direct Memory Access
(DMA) Controller
− Three Multichannel Buffered Serial Ports
(McBSPs)
− Programmable Phase-Locked Loop
Clock Generator
− Seven (LQFP) or Eight (BGA) General-
Purpose I/O (GPIO) Pins and a General-
Purpose Output Pin (XF)
− USB Full-Speed (12 Mbps) Slave Port
Supporting Bulk, Interrupt and
Isochronous Transfers
− Inter-Integrated Circuit (I2C) Multi-Master
and Slave Interface
− Real-Time Clock (RTC) With Crystal
Input, Separate Clock Domain, Separate
Power Supply
D IEEE Std 1149.1(JTAG) Boundary Scan
Logic
D Packages:
− 144-Terminal Low-Profile Quad Flatpack
(LQFP) (PGE Suffix)
− 179-Terminal MicroStar BGA
 (Ball Grid
Array) (GHH and ZHH Suffixes)
D 1.2-V Core (108 MHz), 2.7-V – 3.6-V I/Os
All trademarks are the property of their respective owners.
TMS320C55x and MicroStar BGA are trademarks of Texas Instruments.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


Similar Part No. - TMX320VC5506ZHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320VC5501GZZ300 TI-TMX320VC5501GZZ300 Datasheet
2Mb / 193P
[Old version datasheet]   TMS320VC5501 Fixed-Point Digital Signal Processor
TMX320VC5501PGF300 TI-TMX320VC5501PGF300 Datasheet
2Mb / 193P
[Old version datasheet]   TMS320VC5501 Fixed-Point Digital Signal Processor
TMX320VC5502GZZ200 TI-TMX320VC5502GZZ200 Datasheet
1Mb / 189P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320VC5502GZZ300 TI-TMX320VC5502GZZ300 Datasheet
1Mb / 189P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320VC5502PGF200 TI-TMX320VC5502PGF200 Datasheet
1Mb / 189P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320VC5506ZHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com