Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431-AZSF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TL431-AZSF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL431-AZSF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TL431-AZSF Datasheet HTML 2Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 3Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 4Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 9Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
The deviation parameters VREF(DEV) and IREF(DEF) are defined as the differences between the maximum and minimum
values obtained over the recommended temperature range. The average full-range temperature coefficient of the
reference voltage, αV REF, is defined as :
Where :
ΔTA is the recommended operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum V REF or maximum VREF, respectively, occurs at the
lower temperature.
Example : Maximum VREF=2496㎷ at 30℃, maximum VREF=2492㎷ at 0℃, VREF=2495㎷ at 25℃, ΔTA=70℃
for TL431CZ
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
When the device is operating with two external resistors (see Figure 3), the total dynamic impedance of the circuit
is given by :
Figure 1. Calculating deviation parameters and dynamic impedance
Jan. 2007 - Rev 1.0
HTC
6
70℃
4㎷
2495㎷
x10
6
|αVREF|=
~ 23PPM/℃
x10
6
VI(dev)
VREFat 25℃
|αVREF
ΔTA
ppm
=
ΔV
ΔI
(1+
R1
R2
|Z'|=
~|ZKA
ΔVKA
ΔIKA
|ZKA|=
ΔTA
VI(dev)
Maximum VREF
Minimum VREF
~
~


Similar Part No. - TL431-AZSF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431-AZ HTC-TL431-AZ Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TL431-AZSF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com