Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS1506 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSS1506
Description  VOICE ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1506 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSS1506 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOSEL VITELIC
DC Characteristics
Symbol
Parameter
Min.
Max.
Typ.
Unit
Condition
I
I
V
V
I
I
I
I
I
∆F/F
Supply
Current
Stand by
Operating
Input Voltage
Input Current
for PWR
O/P Current
V
,V
Output Current
(BUSY)
Output Current (C
)
Frequency Stability
Drive
Sink
4
-0.3
4.5
µA
V
= 4.5V, I/O Open
DD
DD
V
= 4.5V
SB
OP
IH
IL
IH
IL
OH
OL
OH
OUT1
OUT2
0
0
-13
13
2
4
5
1
200
5
0.3
20
V
µA
mA
mA
mA
%
I
I
OL
CO
DD
V
= 4.5V
DD
V
= 0V
O/P
V
= 4.5V,
V
= 4.5V
O/P
V
= 4.5V,
DD
V
= 0V
O/P
V
= 4.5V,
DD
V
= 4.5V
O/P
V
= 4.5V,
DD
DD
V
= 4.5V
[FOSC(4.5V) - FOSC(4V)]/Fosc(4.5V)
DD
V
= 4.5V, ROSC = 1.2M
PID216C 12/93
I
I
Input Current
IH
IL
0
µA
DD
V
= 4.5V
(T0~T7, E1,E2, PWR)
(T0~T7)
OUT
3
3
∆F/F
Frequency Variation
10
%
-8
8
-18
18
2.4
3.6
AUDIO
II.1. Stand Alone mode, No Retrigger function, Edge Trigger Mask, low active, single trigger input
BUSY
TGn
AUDIO
BUSY
TGn
II.2. Stand Alone mode, No Retrigger function, Level Trigger Mask, low active, single trigger input
Sn
Sn
Sn
Sn
Sn
-15
Timing Diagram
I.1. Acceptable Power On Signal & Ripple
AUDIO
III.1. Stand Alone mode, Retrigger function, Edge Trigger Mask, low active, single trigger input
BUSY
TGn
Sn
Sn
Sn
TP
90% VDD
10% VDD
90% VDD
TR
VSS = 0.0 V
VDD
MSS1506


Similar Part No. - MSS1506

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS1507 MOSEL-MSS1507 Datasheet
384Kb / 39P
   3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
MSS1507 MOSEL-MSS1507 Datasheet
8Kb / 1P
   15 Voice VROM
More results

Similar Description - MSS1506

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
   43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com