Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA8802 Datasheet(PDF) 2 Page - RAIO Technology Inc.

Part # RA8802
Description  Character/Graphic LCD-Controller Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8802 Datasheet(HTML) 2 Page - RAIO Technology Inc.

  RA8802 Datasheet HTML 1Page - RAIO Technology Inc. RA8802 Datasheet HTML 2Page - RAIO Technology Inc. RA8802 Datasheet HTML 3Page - RAIO Technology Inc. RA8802 Datasheet HTML 4Page - RAIO Technology Inc. RA8802 Datasheet HTML 5Page - RAIO Technology Inc. RA8802 Datasheet HTML 6Page - RAIO Technology Inc. RA8802 Datasheet HTML 7Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Version 1.1
Character/Graphic LCD Controller
RAiO TECHNOLOGY INC.
2/7
www.raio.com.tw
RA8802/8820
1. General Description
The RA8802/8820 is a Character/Graphic dot-matrix liquid crystal display controller (LCD) with embedded 512K
Byte Font ROM. The RA8802 supports up to 320x240 LCD panel size and RA8820 supports up to 240x160. In
tradition, users need a graphic LCM to display Chinese characters. Now Chinese character’s display of
RA8802/8820 presents a revolution. The RA8802/8820, instead of a MCU, can directly deal with the access of
Chinese/English fonts that consist of BIG5 or GB, and ASCII code.
The RA8802/8820 have some main functions as following. It’s equipped with 8-bit ADC, supporting touch panel
interface. DAC is 5-bit, providing the brightness control of the LCD panel. The RA8802/8820 built in PLL/OSC
two circuits provides user choice to generate system clock. The interface of RA8802/8820 fits both of 8080/6800
series’ MCU and 4/8-bit data bus. Besides that, the interface of LCD driver is compatible with many types of
LCD drivers on the market.
2. Feature
Dot matrix liquid crystal display controller
supporting the display of Character/Graphic.
Fast Character/Graphical Mode for ASCII &
Chinese (Big5 Code and GB Code) support.
Display Control Capacity
RA8802: 320×240 dots (Max), 20×15 full-size
character or 40×15 half-size character
RA8820: 240x160 dots (Max), 15x10 full-size
character or 30x10 half-size character
Display of 16x16 dot for full-size fonts consisting
of Chinese, 8x16 dots for half-size fonts of
alphanumeric characters and symbols in the
same display.
Clock source: RC Oscillator or 32K crystal for
PLL (External 32KHz Crystal need).
Built-in 9.6Kbyte/4.8Kbyte Display Data RAM
High-speed 4/8-bit MCU interface allowing direct
connection to both the 8080 and 6800.
LCD interface: LCD driver compatible for data
bus 4/8 bit supports.
Built in 8-Bit ADC and 5-Bit DAC.
Embedded 512KByte Font ROM and provide
512KByte Font ROM Interface.
BIG5:
--Includes standard font: 13094 Chinese words
--Includes special font: 408 Chinese words
--Includes two set ASCII codes
GB:
--Total font: 7602 Chinese words
Various instruction functions
--White black inversion, cursor
on/off/blink/bold/cursor height and cursor-width.
--Define the Active/Display window address.
Low Power Consumption.
Operating Voltage:
_ RA8802: 2.7~4.0V
_ RA8820: 2.7~5.0V
Package: DIE, PQFP 100, LQFP 100


Similar Part No. - RA8802

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8803 RAIO-RA8803 Datasheet
102Kb / 8P
   Two Layers Text/Graphic LCD Controller Specification
logo
Epson Company
RA8803SA EPSON-RA8803SA Datasheet
317Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RA8804CE EPSON-RA8804CE Datasheet
905Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) For Automotive Built-in 32.768 kHz-DTCXO
logo
RAIO Technology Inc.
RA8806 RAIO-RA8806 Datasheet
4Mb / 174P
   Two Layers Character/Graphic LCD Controller Specification
RA8808 RAIO-RA8808 Datasheet
165Kb / 7P
   128x64 Driver for Dot Matrix LCD Specification
More results

Similar Description - RA8802

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8806 RAIO-RA8806 Datasheet
4Mb / 174P
   Two Layers Character/Graphic LCD Controller Specification
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
   Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8872 RAIO-RA8872 Datasheet
198Kb / 7P
   Character/Graphic TFT LCD Controller
RA8871L4N RAIO-RA8871L4N Datasheet
358Kb / 14P
   Character/Graphic TFT LCD Controller
RA8816N RAIO-RA8816N Datasheet
135Kb / 8P
   144x65 Character Graphic LCD Driver Specification
RA8816 RAIO-RA8816 Datasheet
857Kb / 68P
   144x65 Character/Graphic LCD Driver Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com