Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFR433S Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # TFR433S
Description  Resonator specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

TFR433S Datasheet(HTML) 2 Page - Etron Technology, Inc.

  TFR433S Datasheet HTML 1Page - Etron Technology, Inc. TFR433S Datasheet HTML 2Page - Etron Technology, Inc. TFR433S Datasheet HTML 3Page - Etron Technology, Inc. TFR433S Datasheet HTML 4Page - Etron Technology, Inc. TFR433S Datasheet HTML 5Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfr 433s.doc
Version 1.2
13.09.2006
VI TELEFILTER
Resonator specification
TFR 433S
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Resonator characteristic
Construction and pin connection
(All dimensions in mm)
50 Ω test circuit
3
L1
SAW
L2
1
2
R433S
U37
Date code
1
Input
2
Output
3
Ground
Date code:
Year + week
U
2006
V
2007
W
…..2008
...


Similar Part No. - TFR433S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR433S VECTRON-TFR433S Datasheet
149Kb / 5P
   Resonator specification
More results

Similar Description - TFR433S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR434C VECTRON-TFR434C Datasheet
159Kb / 5P
   Resonator Specification
TFR586 VECTRON-TFR586 Datasheet
168Kb / 5P
   Resonator specification
TFR832 VECTRON-TFR832 Datasheet
82Kb / 5P
   Resonator Specification
TFR315B VECTRON-TFR315B Datasheet
115Kb / 5P
   Resonator specification
TFR433E VECTRON-TFR433E Datasheet
46Kb / 6P
   Resonator Specification
TFR433H VECTRON-TFR433H Datasheet
69Kb / 5P
   Resonator Specification
TFR433G VECTRON-TFR433G Datasheet
42Kb / 5P
   Resonator Specification
TFR125 VECTRON-TFR125 Datasheet
212Kb / 5P
   Resonator Specification
TFR804 VECTRON-TFR804 Datasheet
173Kb / 5P
   Resonator Specification
TFR423 VECTRON-TFR423 Datasheet
45Kb / 4P
   Resonator Specification
TFR433H VECTRON-TFR433H_05 Datasheet
163Kb / 5P
   Resonator Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com