Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1602AR-B-P12NTSY-SP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PCM1602AR-B-P12NTSY-SP
Description  SPECIFICATIONS FOR LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602AR-B-P12NTSY-SP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PCM1602AR-B-P12NTSY-SP Datasheet HTML 2Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 3Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 4Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 5Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 6Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 9Page - List of Unclassifed Manufacturers PCM1602AR-B-P12NTSY-SP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 6 OF 22
%
&
'
(
Item
Symbol
Min
Max
Unit
Input Voltage
VI
-0.3
VDD+0.3
V
Supply Voltage For Logic
VDD-VSS
-0.3
7.0
V
Supply Voltage For LCD
VDD-V0
Vdd-13.5
0
V
Operating Temp.
Top
0
50
Standard
Temperature LCM Storage Temp.
Tstr
-10
60
Operating Temp.
Top
-20
70
Wide Temperature
LCM
Storage Temp.
Tstr
-30
80
) *
+
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For Logic
VDD-VSS
4.5
5.0
5.5
V
Supply Voltage For LCD
VDD-V0
Ta=25
4.5
4.8
5.5
V
Input High Volt.
VIH
0.7 VDD
VDD
V
Input Low Volt.
VIL
VSS
0.3 VDD
V
Supply Current
IDD
VDD=5V
0.8
1.2
2.0
mA
Supply Voltage of
Yellow-green backlight
VLED
Forward
current
=150 mA
Number of
LED die
2x15= 30
3.8
4.1
4.3
V


Similar Part No. - PCM1602AR-B-P12NTSY-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APT TI1-PCM1602APT Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTG4 TI1-PCM1602APTG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTR TI1-PCM1602APTR Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTRG4 TI1-PCM1602APTRG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
More results

Similar Description - PCM1602AR-B-P12NTSY-SP

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com