Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T410-XXXB-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # T410-XXXB-TR
Description  T4 Series 4A TRIACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410-XXXB-TR Datasheet(HTML) 1 Page - STMicroelectronics

  T410-XXXB-TR Datasheet HTML 1Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 2Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 3Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 4Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 5Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 6Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 7Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 8Page - STMicroelectronics T410-XXXB-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
Table 1: Main Features
DESCRIPTION
Based on ST’s Snubberless / Logic level technol-
ogy providing high commutation performances,
the T4 series is suitable for use on AC inductive
loads.
They are recommended for applications using
universal motors, electrovalves.... such as kitchen
aid equipments, power tools, dishwashers,...
Available in a fully insulated package, the T4...-
...W version complies with UL standards (ref.
E81734).
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 to 800
V
IGT (Q
1)
5 to 35
mA
T4 Series
4A TRIACS
REV. 7
January 2006
SNUBBERLESS™ & LOGIC LEVEL
Table 2: Order Codes
Part Number
Marking
T405-xxxB
See page table 8 on
page 9
T405-xxxB-TR
T405-xxxH
T405-xxxT
T405-xxxW
T410-xxxB
T410-xxxB-TR
T410-xxxH
T4105-xxxT
T410-xxxW
T435-xxxB
T435-xxxB-TR
T435-xxxH
T435-xxxT
T435-xxxW
DPAK
(T4-B)
G
A2
A2
A1
A2
A1
G
TO-220AB
(T4-T)
ISOWATT220AB
(T4-W)
A2
A2
A1
G
IPAK
(T4-H)
A2
A1
G
A2
A2
A1
G


Similar Part No. - T410-XXXB-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-XXXB-TR STMICROELECTRONICS-T410-XXXB-TR Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results

Similar Description - T410-XXXB-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com