Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435-XXXB Datasheet(PDF) 9 Page - STMicroelectronics

Part # T435-XXXB
Description  T4 Series 4A TRIACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T435-XXXB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T435-XXXB Datasheet HTML 2Page - STMicroelectronics T435-XXXB Datasheet HTML 3Page - STMicroelectronics T435-XXXB Datasheet HTML 4Page - STMicroelectronics T435-XXXB Datasheet HTML 5Page - STMicroelectronics T435-XXXB Datasheet HTML 6Page - STMicroelectronics T435-XXXB Datasheet HTML 7Page - STMicroelectronics T435-XXXB Datasheet HTML 8Page - STMicroelectronics T435-XXXB Datasheet HTML 9Page - STMicroelectronics T435-XXXB Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T4 Series
9/10
Figure 17: TO-220AB Package Mechanical Data
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
T4xx-yyyB
T4 xxyy
DPAK
0.3 g
75
Tube
T4xx-yyyB-TR
T4 xxyy
DPAK
0.3 g
2500
Tape & reel
T4xx-yyyH
T4 xxyy
IPAK
0.4 g
75
Tube
T4xx-yyyT
T4xx yyyT
TO-220AB
2.3 g
50
Tube
T4xx-yyyB
T4xxyyyW
ISOWATT220AB
2.1 g
50
Tube
Note: xxx = voltage, yy = sensitivity
Table 9: Revision History
Date
Revision
Description of Changes
Jun-2003
5
Last update.
25-Mar-2005
6
Layout update. No content change.
25-Jan-2005
7
Markings changed in Table 8


Similar Part No. - T435-XXXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T435-XXXB STMICROELECTRONICS-T435-XXXB Datasheet
118Kb / 8P
   4A TRIACS
T435-XXXB STMICROELECTRONICS-T435-XXXB Datasheet
491Kb / 15P
   4 A Triacs
November 2016
T435-XXXB-TR STMICROELECTRONICS-T435-XXXB-TR Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results

Similar Description - T435-XXXB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com