Selected language     English  ▼


PS9601_01 Datasheet(PDF) 4 Page - NEC

Part No. PS9601_01
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 4 page
background image
PROPAGATION DELAY TIME
vs. FORWARD CURRENT
Forward Current, IF (mA)
Ambient Temperature, TA (°C)
ENABLE PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME
vs. LOAD RESISTANCE
Load Resistance, RL (Ω)
Ambient Temperature, TA (°C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS9601, PS9601L
VCC = 5 V
RL = 350 W
80
60
40
20
05
10
15
20
25
30
tPLH
tPHL
IF = 7.5 mA
VCC = 5 V
PW = 1
µs,
duty 1/10
tPLH
tPHL
100
50
10
5
1
100
500
1 k
5 k
10 k
50 k
IF = 7.5 mA
VCC = 5 V
RL = 350
tPLH
tPHL
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7.5 mA
VCC = 5 V
RL = 350
tr
tf
25
20
15
10
5
0
-50
-25
0
25
50
75
100
IF = 7.5 mA
VCC = 5 V
VEH = 3 V
VEL = 0.5 V
RL = 350
tELH
tEHL
60
40
20
0
-50
-25
0
25
50
75
100




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PS2501-1HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
PS2562-1HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2703-1HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2521-1_06LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
KB847-BGENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation
KB837-BGENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation
PS2566-1HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
KB814GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl