Selected language     English  ▼


PS9601_01 Datasheet(PDF) 6 Page - NEC

Part No. PS9601_01
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 6 page
background image
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
08/06/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE
PS9601, PS9601L
RECOMMENDED SOLDERING CONDITIONS
INFRARED RAY REFLOW TEMPERATURE PROFILE
(1) Precautions in mounting the devices by infrared reflow soldering
Peak reflow temperature
235 ˚C or below (plastic surface temperature)
Reflow time
30 seconds or less (Time period during which the plastic surface temperature
is 210 ˚C
Number of reflows Processes
One
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended.)
(2) Precautions in mounting the devices in solder dip method
Temperature
260 ˚C or below
Time
10 seconds or less
Flux
Rosin group flux, where the amount of chloride component is small.
Time (s)
120 to 160
ßC
60 to 120 s
(pre-heat)
(Actual heat)
to 10 s
to 30 s
235
ßC Peak
210
ßC
Peak Temperature 230 ºC
or Lower




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PS2501-1HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
PS2562-1HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2703-1HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2521-1_06LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
KB847-BGENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation
KB837-BGENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation
PS2566-1HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
KB814GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl