Selected language     English  ▼


PS9601_01 Datasheet(PDF) 1 Page - NEC

Part No. PS9601_01
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 1 page
background image
HIGH ISOLATION VOLTAGE
HIGH SPEED PHOTOCOUPLER
PS9601
PS9601L
FEATURES
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s. MIN
HIGH PROPAGATION DELAY TIME
tPHL, tPLH: 50 ns TYP
LOW INPUT CURRENT
IFHL: 2.5 mA TYP
CAN BE SOLDERED BY INFRARED REFLOW
SOLDERING
TAPING PRODUCT NUMBER PS9601L-E3, E4
DESCRIPTION
PS9601 and PS9601L are optically coupled isolators contain-
ing a GaAIAs LED on the light emitting side (input side), and
a photodiode and a signal processing circuit on the light
receiving side (output side), on one chip. PS9601 is in a plastic
DIP (Dual In-Line Package) and PS9601L is in a lead bending
type (Gull-wing) for surface mount.
APPLICATIONS
COMPUTER AND PERIPHERAL MEMORY
ELECTRONIC INSTRUMENT
AUDIO-VISUAL
ESD SENSITIVE
PART NUMBER
PS9601, PS9601L
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA, TA = 25 °CV
1.4
1.65
1.9
IR
Reverse Current, VR = 5 V, TA = 25 °C
µA10
Ct
Capacitance, V = 0, f = 1 MHz, TA = 25 °CpF
60
IOH
High Level Output Current
µA2
250
VCC = VO = 5.5 V, IF = 250 µs, VE = 2 V
VOL
Low Level Output Voltage
V
0.2
0.6
VCC = 5.5 V, IF = 5 mA, VE = 2 V, IO = 13 mA
ICCH
High Level Supply Current, VCC = 5.5 V, VE = 0.5 V, IF = 0
mA
5
7
10
ICCL
Low Level Supply Current, VCC = 5.5 V, VE = 2 V, IF =10 mA
mA
10
13
18
IEH
High Level Enable Current, VCC = 5.5 V, VEH = 2 V
mA
-0.7
-1
-1.5
IEL
Low Level Enable Current, VCC = 5.5 V, VEL = 0.5 V
mA
-1
-1.4
-2
IFHL
Threshhold Input Current, High → Low
mA
0.5
2.5
5
VCC = 5 V, VE = 2 V, TA = -40 to +85 °C, Vo = 0.8 V,
RL = 350 Ω
R1-2
Isolation Resistance, Vin-out = 1 k VDC, RH 40 to 60 %
1011
C1-2
Isolation Capacitance, V = 0, f = 1 MHz
pF
0.6
tPHL
Propagation Delay Time1, High → Low,
ns
50
75
Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
tPLH
Propagation Delay Time1, Low → High,
ns
50
75
Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
tr
Rise Time, Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
ns
20
tf
Fall Time, Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
ns
10
tEHL
Enable Propagation2, Delay Time, High → Low
ns
10
VCC = 5 V, IF = 7.5 mA, VEH = 3 V, VEL = 0.5 V, RL = 350 Ω,
CL = 15 pF
tELH
Enable Propagation2, Delay Time, Low → High
ns
25
VCC = 5 V, IF = 7.5 mA, VEH = 3 V, VEL = 0.5 V, RL = 350 Ω,
CL = 15 pF
ELECTRICAL CHARACTERISTICS (TA = -40 to +85 °C)
Notes: See Next Page




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PS2501-1HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
PS2562-1HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2703-1HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2521-1_06LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
KB847-BGENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation
KB837-BGENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation
PS2566-1HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
KB814GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 2 3 4 5 MoreKingbright Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl