Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2596SGSCN220 Datasheet(PDF) 11 Page - Champion Microelectronic Corp.

Part # CM2596SGSCN220
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2596SGSCN220 Datasheet(HTML) 11 Page - Champion Microelectronic Corp.

Back Button CM2596SGSCN220 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 9Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 10Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 11Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 12Page - Champion Microelectronic Corp. CM2596SGSCN220 Datasheet HTML 13Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CM2596S
3A STEP DOWN VOLTAGE REGULATOR
2006/11/27 Rev 1.0
Champion Microelectronic Corporation
Page 11
PACKAGE DIMENSION
TO-220 (N220)
Symbol
Min(mm)
Max(mm)
A.
14.22
16.51
B
9.66
10.66
C
3.56
4.83
D
0.46
1.02
F(
Φ)
3.56
4.06
G
3.14
3.7
J
0.31
1.14
K
12.70
14.73
N
6.68
6.93
R
2.04
3.18
S
1.14
1.40
T
5.46
6.86
TO-220B (N220B)


Similar Part No. - CM2596SGSCN220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2596SJCN220 ETC-CM2596SJCN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SJCN263 ETC-CM2596SJCN263 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2596SGSCN220

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com