Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP0805B0942BW Datasheet(PDF) 4 Page - AVX Corporation

Part # CP0805B0942BW
Description  Thin-Film Directional Couplers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805B0942BW Datasheet(HTML) 4 Page - AVX Corporation

  CP0805B0942BW Datasheet HTML 1Page - AVX Corporation CP0805B0942BW Datasheet HTML 2Page - AVX Corporation CP0805B0942BW Datasheet HTML 3Page - AVX Corporation CP0805B0942BW Datasheet HTML 4Page - AVX Corporation CP0805B0942BW Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
53
3
Type: B
Sub-Type: C
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
1.10
1.30
1.50
1.70
1.90
Frequency (GHz)
2.10
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2.30
2.50
COUP Port
RF IN
Port
RF OUT
Port
50 OHM
(External
Resistor)
LAYOUT
Type: B
Sub-Type: B
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
1.00
1.20
1.40
1.60
1.80
Frequency (GHz)
2.00
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2.20
2.40
2.60
COUP Port
RF IN
Port
RF OUT
Port
50 OHM
(External
Resistor)
LAYOUT
Thin-Film Directional Couplers
CP0805 Layout Types
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805B0836BW
824 - 849
23.5±1
CP0805B0881BW
869 - 894
23±1
GSM
CP0805B0902BW
890 - 915
22.5±1
CP0805B0947BW
935 - 960
22±1
E-GSM
CP0805B0897BW
880 - 915
23±1
CP0805B0942BW
925 - 960
22±1
0.25
PDC
CP0805B1441BW
1429 - 1453
18.5±1
PCN
CP0805B1747BW
1710 - 1785
17±1
CP0805B1842BW
1805 - 1880
16.5±1
1.2
PCS
CP0805B1880BW
1850 - 1910
16.5±1
CP0805B1960BW
1930 - 1990
16±1
PHP
CP0805B1907BW
1895 - 1920
16±1
DECT
CP0805B1890BW
1880 - 1900
16±1
Wireless LAN
CP0805B2442BW
2400 - 2484
14±1
0.4
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805B0836CW
824 - 849
25±1
CP0805B0881CW
869 - 894
24.5±1
GSM
CP0805B0902CW
890 - 915
24±1
CP0805B0947CW
935 - 960
24±1
E-GSM
CP0805B0897CW
880 - 915
24.5±1
CP0805B0942CW
925 - 960
24±1
0.25
PDC
CP0805B1441CW
1429 - 1453
20±1
PCN
CP0805B1747CW
1710 - 1785
18.5±1
Cp0805B1842CW
1805 - 1880
18.5±1
1.2
PCS
CP0805B1880CW
1850 - 1910
18±1
Cp0805B1960CW
1930 - 1990
17.5±1
PHP
CP0805B1907CW
1895 - 1920
18±1
DECT
CP0805B1890CW
1880 - 1900
18±1
Wireless LAN
CP0805B2442CW
2400 - 2484
16±1
0.4
Important: Couplers can be used at any frequency within the indicated range.
RF IN
COUP
RF OUT
50 OHM
Sn100 LAYOUT
RF IN
COUP
RF OUT
50 OHM
Sn100 LAYOUT


Similar Part No. - CP0805B0942BW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805B0942BW AVX-CP0805B0942BW Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805B0942BW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com