Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV601RTJT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV601RTJT
Description  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV601RTJT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV601RTJT Datasheet HTML 4Page - Texas Instruments DRV601RTJT Datasheet HTML 5Page - Texas Instruments DRV601RTJT Datasheet HTML 6Page - Texas Instruments DRV601RTJT Datasheet HTML 7Page - Texas Instruments DRV601RTJT Datasheet HTML 8Page - Texas Instruments DRV601RTJT Datasheet HTML 9Page - Texas Instruments DRV601RTJT Datasheet HTML 10Page - Texas Instruments DRV601RTJT Datasheet HTML 11Page - Texas Instruments DRV601RTJT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
Line Driver Amplifiers
f
=
c
1
2 R C
p
L
O
(1)
C
=
O
1
2 R f
p
L
c
(2)
C
O
C
O
V
OUT
GND
V
DD
V
/2
DD
Conventional
GND
V
DD
V
SS
DirectPath
DRV601
SLOS553 – JANUARY 2008
Single-supply Line Driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 13
illustrates the conventional Line Driver amplifier connection to the load and output signal.
DC blocking capacitors are often large in value. The line load (typical resistive values of 600
Ω to 10 kΩ)
combine with the dc blocking capacitors to form a high-pass filter. Equation 1 shows the relationship between the
load impedance (RL), the capacitor (CO), and the cutoff frequency (fC).
CO can be determined using Equation 2, where the load impedance and the cutoff frequency are known.
If fC is low, the capacitor must then have a large value because the load resistance is small. Large capacitance
values require large package sizes. Large package sizes consume PCB area, stand high above the PCB,
increase cost of assembly, and can reduce the fidelity of the audio output signal.
Figure 13. Amplifier Applications
The DirectPath™ amplifier architecture operates from a single supply but makes use of an internal charge pump
to provide a negative voltage rail. Combining the user provided positive rail and the negative rail generated by
the IC, the device operates in what is effectively a split supply mode. The output voltages are now centered at
zero volts with the capability to swing to the positive rail or negative rail. The DirectPath™ amplifier requires no
output dc blocking capacitors. The bottom block diagram and waveform of Figure 13 illustrate the
ground-referenced Line Driver architecture. This is the architecture of the DRV601.
8
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV601


Similar Part No. - DRV601RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601RTJT TI-DRV601RTJT Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJTG4 TI-DRV601RTJTG4 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
More results

Similar Description - DRV601RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV600 TI-DRV600 Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600 TI-DRV600_15 Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com