Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB30RF60K Datasheet(PDF) 9 Page - International Rectifier

Part # GB30RF60K
Description  IGBT PIM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GB30RF60K Datasheet(HTML) 9 Page - International Rectifier

Back Button GB30RF60K Datasheet HTML 5Page - International Rectifier GB30RF60K Datasheet HTML 6Page - International Rectifier GB30RF60K Datasheet HTML 7Page - International Rectifier GB30RF60K Datasheet HTML 8Page - International Rectifier GB30RF60K Datasheet HTML 9Page - International Rectifier GB30RF60K Datasheet HTML 10Page - International Rectifier GB30RF60K Datasheet HTML 11Page - International Rectifier GB30RF60K Datasheet HTML 12Page - International Rectifier GB30RF60K Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GB30RF60K
Bulletin I27303 01/07
Fig. 27
- Typ. Diode Forward Characteristics
tp = 80μs
Fig. 26
- Typical Gate Charge vs. VGE
ICE = 15A
Fig. 29
- Typ. Switching Time vs. IC
TJ = 125°C; L=200μH; VCE= 300V,RG= 22Ω;VGE= 15V
Fig. 28
- Typ. Energy Loss vs. IC
TJ = 125°C; L=200μH; VCE= 300V,RG= 22Ω; VGE= 15V
Fig. 31
- Typ. Switching Time vs. RG
TJ = 125°C; L=200μH; VCE= 300V, ICE= 15A; VGE= 15V
Fig. 30
- Typ. Energy Loss vs. RG
TJ = 125°C; L=200μH; VCE= 300V, ICE= 15A; VGE= 15V
Brake
0
0.5
1
1.5
2
0
5
10
15
20
25
30
Vf (V)
Tj = 25°C
Tj = 125°C
Ic (A)
4
7
10
13
16
19
22
0.1
0.2
0.3
0.4
0.5
0.6
0.7
ETOT
EON
EOFF
QG, Total Gate Charge (nC)
020
40
0
4
8
12
16
300V
0
102030
40
50
0.01
0.1
1
Rg (
Ω )
tF
tdON
tR
tdOFF
10
14
18
22
0.01
0.1
1
Ic (A)
tF
tdOF
F
tdO
N
tR
Rg (
Ω
Ω
Ω
Ω
Ω)
0
10
203040
50
0.1
0.2
0.3
0.4
0.5
0.6
E (OFF)
E (ON)
E (TOT)
Document Number: 94479
www.vishay.com
9


Similar Part No. - GB30RF60K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GB30-170-3P208 TDK-GB30-170-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB30-170-3P400 TDK-GB30-170-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB30-170-3P480 TDK-GB30-170-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB30-56 TDK-GB30-56 Datasheet
88Kb / 2P
   Programmable Power Supplies
logo
Microsemi Corporation
GB300 MICROSEMI-GB300 Datasheet
132Kb / 3P
   SCRs Commercial Nanosecond Switching Planar
More results

Similar Description - GB30RF60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
logo
Fuji Electric
7MBR15NE120 FUJI-7MBR15NE120 Datasheet
523Kb / 9P
   IGBT MODULE(1200V/15A/PIM)
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
   IGBT MODULE (1200V / 50A / PIM)
7MBR30SA060 FUJI-7MBR30SA060 Datasheet
646Kb / 7P
   IGBT MODULE(600V/30A/PIM)
7MBR50UB120 FUJI-7MBR50UB120 Datasheet
195Kb / 7P
   IGBT MODULE (U series) 1200V / 50A / PIM
7MBR35UB120 FUJI-7MBR35UB120 Datasheet
194Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
logo
List of Unclassifed Man...
7MBR75UB120 ETC2-7MBR75UB120 Datasheet
156Kb / 7P
   IGBT MODULE (U series) 1200V / 75A / PIM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com