Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPTS30L30CGTRR Datasheet(PDF) 2 Page - International Rectifier

Part # SPTS30L30CGTRR
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPTS30L30CGTRR Datasheet(HTML) 2 Page - International Rectifier

  SPTS30L30CGTRR Datasheet HTML 1Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 2Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 3Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 4Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 5Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 6Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 7Page - International Rectifier SPTS30L30CGTRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STPS30L30CT, STPS30L30CG
2
Bulletin PD-20626 rev. D 01/07
www.irf.com
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.5
°C/W DC operation
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.8
°C/W DC operation
to Case (Per Package)
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
STPS 30L30CT
Case Style TO-220
STPS30L30CG
Case Style D2Pak
VR
Max. DC Reverse Voltage (V)
30
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Parameters
Values Units Conditions
I
F(AV) Max. Average Forward
Per Device
30
A
50% duty cycle @ T
C = 140°C, rectangular wave form
Current
Per Leg
15
I
FSM
Max. Peak One Cycle Non-Repetitive
1450
A
5μs Sine or 3μs Rect. pulse
Surge Current
220
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
15
mJ
T
J = 25 °C, IAS = 2 Amps, L = 7.5 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values Units Conditions
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
V
R = rated VR
Parameters
Values Units Conditions
Parameters
Values
V
FM
Max. Forward Voltage Drop
0.46
V
@ 15A
(Per Leg)
(1)
0.57
V
@ 30A
0.37
V
@ 15A
0.50
V
@ 30A
I
RM
Max. Reverse Leakage Current
1.50
mA
T
J =
25 °C
(Per Leg)
350
mA
T
J = 125 °C
C
T
Max. Junction Capacitance(Per Leg)
1500
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/μs
(Rated V
R)
Following any rated
load condition and
with rated VRRM applied


Similar Part No. - SPTS30L30CGTRR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
   SWITCHING POWER TRANSFORMERS
logo
Sensata Technologies, I...
SPT SENSATA-SPT Datasheet
194Kb / 2P
   SPT ENCODER INTERFACE MODULES
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
SPT-90AV51HXA1 ETC2-SPT-90AV51HXA1 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
logo
ATGBICS by Approved Tec...
SPT-P854G-S3D-C ATGBICS-SPT-P854G-S3D-C Datasheet
375Kb / 10P
   SPT-P854G-S3D Sopto Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SPTS30L30CGTRR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com