Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EC16-BF25ITR Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK14EC16-BF25ITR
Description  256Kx16 AutoStore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC16-BF25ITR Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK14EC16-BF25ITR Datasheet HTML 4Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 5Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 6Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 7Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 8Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 9Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 10Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 11Page - Simtek Corporation STK14EC16-BF25ITR Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Simtek Confidential
Jan, 2008
Document Control #ML0061 Rev 1.1
STK14EC16
Preliminary
SRAM WRITE CYCLE #3: LB, UB Controlledg,h
AutoStore™/POWER-UP RECALL
Note i:
tHRECALL starts from the time VCC rises above VSWITCH
Note j:
If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK14EC16
UNITS
NOTES
Standard
Alternate
MIN
MAX
26
tHRECALL
Power-up RECALL Duration
20
ms
i
27
tSTORE
tHLHZ
STORE Cycle Duration
12.5
ms
j
28
VSWITCH
Low Voltage Trigger Level
2.65
V
29
VCCRISE
VCC Rise Time
150
μs
Input Data Valid
t
AVBL
t
BHDX
Address
E
W
Data Input
Data Output
t AVAV
t
BLBH
t
BHAX
t
WLBH
t
DVBH
High Impedance
Address Valid
t
ELBH
LB , UB
(15)
(22)
(17)
(23)
(18)
(16)
(19)
(20)
t
AVBH
(21)
tSTORE (27)
VCC
VSWITCH
(28)
tVCCRISE (29)
tSTORE (27)
AutoStore
POWER-UP
RECALL
tHRECALL (26)
tHRECALL (26)
Read & Write
Inhibited
POWER-UP
RECALL
Read & Write
BROWN OUT
AutoStore
POWER-UP
RECALL
Read & Write
POWER DOWN
AutoStore
**
**
Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH
** AutoStore occures only if at least one SRAM Write has happened


Similar Part No. - STK14EC16-BF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15 SIMTEK-STK14EC8-BF15 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15I SIMTEK-STK14EC8-BF15I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15ITR SIMTEK-STK14EC8-BF15ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Similar Description - STK14EC16-BF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com