Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT08DG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT08DG4
Description  QUADROPLE 2-INPUT POSITIVE - AND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT08DG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT08DG4 Datasheet HTML 1Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 2Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 3Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 4Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 5Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 6Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 7Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 8Page - Texas Instruments SN74ACT08DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ACT08, SN74ACT08
QUADRUPLE 2INPUT POSITIVEAND GATES
SCAS535C − SEPTEMBER 1995 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Open
S1
TEST
tPLH/tPHL
Open
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr v 2.5 ns, tf v 2.5 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ACT08DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT08DG4 TI-SN74ACT08DG4 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74ACT08DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08A_101 TI-SN74LVC08A_101 Datasheet
899Kb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LV08A TI-SN54LV08A_08 Datasheet
829Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ALS08 TI-SN54ALS08_07 Datasheet
635Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Unisonic Technologies
U74AHC08 UTC-U74AHC08_15 Datasheet
160Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Texas Instruments
SN74LV08A TI1-SN74LV08A Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com