Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB18N40LZ-1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGB18N40LZ-1
Description  EAS 180 mJ - 400 V - internally clamped IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB18N40LZ-1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGB18N40LZ-1 Datasheet HTML 4Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 5Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 6Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 7Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 8Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 9Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 10Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 11Page - STMicroelectronics STGB18N40LZ-1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STGD18N40LZ - STGB18N40LZ
8/18
Figure 14.
Thermal impedance for D²PAK /
I²PAK
Figure 15.
Thermal impedance for DPAK /
IPAK


Similar Part No. - STGB18N40LZ-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB18N40LZ-1 STMICROELECTRONICS-STGB18N40LZ-1 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ-1 STMICROELECTRONICS-STGB18N40LZ-1 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
More results

Similar Description - STGB18N40LZ-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
   Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 7 - January 2021
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
October 2016 Rev 6
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 1 - January 2021
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
   Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
February 2018 Rev 3
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com