Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA33013TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA33013TR
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA33013TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA33013TR Datasheet HTML 4Page - STMicroelectronics STA33013TR Datasheet HTML 5Page - STMicroelectronics STA33013TR Datasheet HTML 6Page - STMicroelectronics STA33013TR Datasheet HTML 7Page - STMicroelectronics STA33013TR Datasheet HTML 8Page - STMicroelectronics STA33013TR Datasheet HTML 9Page - STMicroelectronics STA33013TR Datasheet HTML 10Page - STMicroelectronics STA33013TR Datasheet HTML 11Page - STMicroelectronics STA33013TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Electrical specifications
STA330
8/55
3
Electrical specifications
3.1
Maximum and recommended operating conditions
Table 3 gives the maximum ratings and Table 4 the recommended operating conditions.
Note:
All grounds must be within 0.3 V of each other.
Table 3.
Absolute maximum ratings
Symbol
Description
Min
Max
Unit
VDD/VDD1/VDD2
Digital supply voltage
-0.5
+4.0
V
AVDD
ADC supply voltage
-0.5
+4.0
V
VDDPLL
PLL analog supply voltage
-0.5
+4.0
V
VCC1A/1B/2A/2B
Power stage supply voltage
-0.5
+4.0
V
VCC33
Pre-driver supply
-0.5
+4.0
V
VDDIO
Digital I/O supply
-0.5
+4.0
V
VDI
Voltage range digital in
-0.5
VDDIO +0.3 V
VAI
Voltage range analog in
-0.5
AVDD +0.3
V
Vo
Voltage on output pins
-0.5
VDDIO +0.3 V
TSTG
Storage temperature
-40
150
o C
TAMB
Ambient operating temperature
-20
85
o C
Table 4.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD/VDD1/VDD2
Digital supply voltage
1.55
1.8
3.6
V
AVDD
ADC supply voltage
1.8
3.3
3.6
V
VDDPLL
PLL analog supply voltage
1.55
1.8
3.6
V
VCC1A/1B/2A/2B
Power stage supply voltage
1.8
3.3
3.6
V
VCC33
Pre-driver supply voltage
1.8
3.3
3.6
V
GND1, GND2,
GND33
Channel 1 and 2 power ground, pre-driver
ground
0V
TAMB
Ambient operating temperature
0
25
70
o C


Similar Part No. - STA33013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA331 STMICROELECTRONICS-STA331 Datasheet
132Kb / 4P
   High efficiency class D codec with integrated audio processing
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 68P
   2.1-channel 40-watt high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
2Mb / 67P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
January 2011 Rev 3
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
1Mb / 68P
   2.1-channel 40-watt high-efficiency digital audio system
More results

Similar Description - STA33013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA538 STMICROELECTRONICS-STA538 Datasheet
510Kb / 59P
   2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
logo
Texas Instruments
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
STMicroelectronics
MEMS STMICROELECTRONICS-MEMS Datasheet
1Mb / 2P
   analog and digital
logo
Sanyo Semicon Device
LC7883K SANYO-LC7883K Datasheet
205Kb / 10P
   16-bit Digital Filter and Digital-to-analog Converters for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com