Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPVE110100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPVE110100
Description  Compact One-way Operation Type Detector Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPVE110100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPVE110100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPVE110100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPVE110100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPVE110100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPVE110100 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Detector
307
Power
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
Multi Control
Devices
TACT
Custom-
Products
Taping Specifications
Order products in N minimum packing units1 reel or 1 case.
Note
Reel Size
ø13 hole
ø21
3
W
Unit:mm
Taping Packaging
SPPW81
h = 6.1
(Reflow)
h = 6.55
(Reflow)
h = 7.6
(Reflow)
Series
6,000
2,400
22,400
17,600
22,400
16,000
24
24.4
24
24.4
16
16.4
12
12.4
3,000
1,200
5,600
4,400
5,600
4,000
1,500
600
2,800
2,200
16,000
4,000
2,000
2,800
2,000
SPPB
53
(Horizontal)
SPVE
Standard
Low-
profile
53
(Vertical)
5,200
2,600
1,300
63, 64
h=3.8
h=4.1
h=4.8
h=5.5
h=5.2
h=3.3
h=4.75
Number of packages
(pcs.)
Reel width
W
(mm)
Tape width
(mm)
1 reel
1 case
/domestic
1 case
/export packing
4,000
2,000
1,000
3,400
1,700
850
12,000
6,000
3,000
SPVM
10,000
5,000
2,500
SPVR
20,000
10,000
5,000
SPVN
10,000
5,000
2,500
SPVG
18,000
9,000
4,500
SPVP
20,000
10,000
5,000
SPVL
12,000
6,000
3,000
SSCM
3,300
44.4
44
1,650
550
SPPY5
Detector Switches


Similar Part No. - SPVE110100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVE110100 ALPS-SPVE110100 Datasheet
305Kb / 4P
   Compact One-way Operation Type
SPVE110100 ALPS-SPVE110100 Datasheet
883Kb / 4P
   Compact One-way Operation Type
More results

Similar Description - SPVE110100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
   Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE ALPS-SPVE Datasheet
305Kb / 4P
   Compact One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
   Compact One-way Operation Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
   One-way Operation Type
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
   One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
   One-way Operation Type
logo
List of Unclassifed Man...
SPVP ETC2-SPVP Datasheet
92Kb / 5P
   Low-profile One-way Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
   Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
   Compact Two-way Operation Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com