Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD38F1040W0ZBQ0 Datasheet(PDF) 1 Page - Numonyx B.V

Part # RD38F1040W0ZBQ0
Description  Wireless Flash Memory (W18/W30 SCSP)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RD38F1040W0ZBQ0 Datasheet(HTML) 1 Page - Numonyx B.V

  RD38F1040W0ZBQ0 Datasheet HTML 1Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 2Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 3Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 4Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 5Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 6Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 7Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 8Page - Numonyx B.V RD38F1040W0ZBQ0 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Order Number: 251407-13
November 2007
Numonyx™ Wireless Flash Memory
(W18/W30 SCSP)
32WQ and 64WQ Family with Asynchronous RAM
Datasheet
Product Features
Device Architecture
— Flash Density: 32-Mbit, 64-Mbit
— Async PSRAM Density: 16-Mbit, 32-Mbit
— Top, Bottom or Dual flash parameter
configuration
Device Voltage
— Flash VCC = 1.8 V; Flash VCCQ = 1.8 V or 3.0 V
— RAM VCC = 1.8 V or 3.0 V
Device Packaging
— 88 balls (8 x 10 active ball matrix)
— Area: 8x10 mm
— Height: 1.2 mm to 1.4 mm
PSRAM Performance
— 70 ns initial access, 25 ns async page reads at
1.8 V I/O
— 70 ns initial access async PSRAM at 1.8 V
I/O
— 70 ns initial access, 25 ns async page
reads at 3.0 V I/O
SRAM Performance
— 70 ns initial access at 1.8 V or 3.0 V I/O
Quality and Reliability
— Extended Temperature: –25 °C to +85 °C
— Minimum 100K flash block erase cycle
— 90 nm ETOX™ IX flash technology
— 130 nm ETOX™ VIII flash technology
Flash Performance
— 65 ns initial access at 1.8 V I/O
— 70 ns initial access at 3.0 V I/O
— 25 ns async page at 1.8 V or 3.0 V I/O
— 14 ns sync reads (tCHQV) at 1.8 V I/O
— 20 ns sync reads (tCHQV) at 3.0 V I/O
— Enhanced Factory Programming:
3.10 µs/Word (Typ)
Flash Architecture
— Read-While-Write/Erase
— Asymmetrical blocking structure
— 4-KWord parameter blocks (Top or
Bottom)
— 32-KWord main blocks
— 4-Mbit partition size
— 128-bit One-Time Programmable
(OTP) Protection Register
— Zero-latency block locking
— Absolute write protection with block
lock using F-VPP and F-WP#
Flash Software
— Numonyx™ Flash Data Integrator
(FDI) and Common Flash Interface
(CFI)


Similar Part No. - RD38F1040W0ZBQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD38F1010C0ZBL0 INTEL-RD38F1010C0ZBL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1010C0ZTL0 INTEL-RD38F1010C0ZTL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1020C0ZBL0 INTEL-RD38F1020C0ZBL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1020C0ZTL0 INTEL-RD38F1020C0ZTL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
More results

Similar Description - RD38F1040W0ZBQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com