Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFL214PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFL214PBF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL214PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFL214PBF Datasheet HTML 1Page - International Rectifier IRFL214PBF Datasheet HTML 2Page - International Rectifier IRFL214PBF Datasheet HTML 3Page - International Rectifier IRFL214PBF Datasheet HTML 4Page - International Rectifier IRFL214PBF Datasheet HTML 5Page - International Rectifier IRFL214PBF Datasheet HTML 6Page - International Rectifier IRFL214PBF Datasheet HTML 7Page - International Rectifier IRFL214PBF Datasheet HTML 8Page - International Rectifier IRFL214PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFL214PbF
2
www.irf.com
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
2.0
VGS = 10V, ID = 0.47A
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
0.50
–––
–––
S
VDS = 50V, ID = 0.47 A
–––
–––
25
µA
VDS = 250V, VGS = 0V
–––
–––
250
VDS = 200V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
8.2
ID = 2.7A
Qgs
Gate-to-Source Charge
–––
–––
1.8
nC
VDS = 200V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
4.5
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
7.0
–––
VDD = 125V
tr
Rise Time
–––
7.6
–––
ns
ID = 2.7A
td(off)
Turn-Off Delay Time
–––
16
–––
RG = 24 Ω
tf
Fall Time
–––
7.0
–––
RD = 45 Ω,
See Fig. 10
nH
Ciss
Input Capacitance
–––
140
–––
VGS = 0V
Coss
Output Capacitance
–––
42
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
9.6
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD ≤ 2.7A, di/dt ≤ 65A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
VDD=50V, starting TJ = 25°C, L =128 mH
RG = 25Ω, IAS = 0.79. (See Figure 12)
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.0
V
TJ = 25°C, IS = 0.79A, VGS = 0V
trr
Reverse Recovery Time
–––
190
390
ns
TJ = 25°C, IF = 2.7A
Qrr
Reverse RecoveryCharge
–––
0.64
1.3
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
–––
–––
6.3
0.79
A
S
D
G
Between lead, 6mm(0.25in)
from package and center
of die contact.
LS
Internal Source Inductance
Internal Drain Inductance
LD
–––
4.0
–––
–––
6.0
–––
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.39
–––
V/°C
Reference to 25°C, ID = 1mA
V(BR)DSS
Drain-to-Source Breakdown Voltage
250
–––
–––
V
VGS = 0V, ID = 250µA
Parameter
Min. Typ. Max. Units
Conditions
Source-Drain Ratings and Characteristics


Similar Part No. - IRFL214PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL214PBF VISHAY-IRFL214PBF Datasheet
877Kb / 8P
   Power MOSFET
S-81393-Rev. A, 07-Jul-08
More results

Similar Description - IRFL214PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com